Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2003-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP2003-E/P Datasheet HTML 1Page - Microchip Technology MCP2003-E/P Datasheet HTML 2Page - Microchip Technology MCP2003-E/P Datasheet HTML 3Page - Microchip Technology MCP2003-E/P Datasheet HTML 4Page - Microchip Technology MCP2003-E/P Datasheet HTML 5Page - Microchip Technology MCP2003-E/P Datasheet HTML 6Page - Microchip Technology MCP2003-E/P Datasheet HTML 7Page - Microchip Technology MCP2003-E/P Datasheet HTML 8Page - Microchip Technology MCP2003-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 5
MCP2003/4/3A/4A
FIGURE 1-3:
OPERATIONAL MODES STATE DIAGRAM – MCP2003A
FIGURE 1-4:
OPERATIONAL MODES STATE DIAGRAM – MCP2004
POR
VREN OFF
RX OFF
TX OFF
VBAT > 5.5V
Ready
VREN ON
RX OFF
TX OFF
TOFF
Mode
VREN ON
RX ON
TX OFF
Operation
Mode
VREN ON
RX ON
TX ON
POWER
DOWN
VREN OFF
RX OFF
TX OFF
CS =
1& TXD = 0
CS =
1& TXD = 1
CS =
1& TXD = 1& No Fault
Fault (thermal or timer)
CS =
0
Rising edge on LIN
or CS =
1
Or falling edge on WAKE pin
CS =
0
POR
VREN OFF
RX OFF
TX OFF
VBAT > 5.5V
Ready
VREN ON
RX ON
TX OFF
TOFF
Mode
VREN ON
RX ON
TX OFF
Operation
Mode
VREN ON
RX ON
TX ON
POWER
DOWN
VREN OFF
RX OFF
TX OFF
CS =
1& (TXE = 0 or TXD = 0)
CS =
1& TXD = 1& TXE = 1
CS =
1& TXD = 1& TXE = 1
& No Fault
Fault (thermal or timeout) or
FAULT/TXE =
0
CS =
0
Falling edge on LIN or
CS =
1
CS =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com