Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003-E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2003-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003-E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2003-E/P Datasheet HTML 11Page - Microchip Technology MCP2003-E/P Datasheet HTML 12Page - Microchip Technology MCP2003-E/P Datasheet HTML 13Page - Microchip Technology MCP2003-E/P Datasheet HTML 14Page - Microchip Technology MCP2003-E/P Datasheet HTML 15Page - Microchip Technology MCP2003-E/P Datasheet HTML 16Page - Microchip Technology MCP2003-E/P Datasheet HTML 17Page - Microchip Technology MCP2003-E/P Datasheet HTML 18Page - Microchip Technology MCP2003-E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 15
MCP2003/4/3A/4A
2.4
AC Specifications
AC Characteristics
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 27.0V; TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Bus Interface – Constant Slope Time Parameters
Slope Rising and Falling Edges
tSLOPE
3.5
22.5
µs
7.3V <= VBB <= 18V
Propagation Delay of
Transmitter
tTRANSPD
——
4.0
µs
tTRANSPD = max (tTRANSPDR or
tTRANSPDF)
Propagation Delay of Receiver
tRECPD
——
6.0
µs
tRECPD = max (tRECPDR or tRECPDF)
Symmetry of Propagation
Delay of Receiver Rising Edge
w.r.t. Falling Edge
tRECSYM
-2.0
2.0
µs
tRECSYM = max (tRECPDF – tRECPDR)
RRXD 2.4
 to VCC, CRXD 20 pF
Symmetry of Propagation
Delay of Transmitter Rising
Edge w.r.t. Falling Edge
tTRANSSYM
-2.0
2.0
µs
tTRANSSYM = max (tTRANSPDF -
tTRANSPDR)
Time to Sample of FAULT/TXE
for Bus Conflict Reporting
tFAULT
——
32.5
µs
tFAULT = max (tTRANSPD + tSLOPE +
tRECPD)
Duty Cycle 1 @20.0 kbit/sec
0.396
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.744 x VBB,
THDOM(MAX) = 0.581 x VBB,
VBB =7.0V – 18V; tBIT = 50 µs
D1 = tBUS_REC(MIN)/2 x tBIT)
Duty Cycle 2 @20.0 kbit/sec
0.581
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.284 x VBB,
THDOM(MAX) = 0.422 x VBB,
VBB =7.6V – 18V; tBIT = 50 µs
D2 = tBUS_REC(MAX)/2 x tBIT)
Duty Cycle 3 @10.4 kbit/sec
0.417
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.778 x VBB,
THDOM(MAX) = 0.616 x VBB,
VBB =7.0V – 18V; tBIT = 96 µs
D3 = tBUS_REC(MIN)/2 x tBIT)
Duty Cycle 4 @10.4 kbit/sec
0.590
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(max) = 0.251 x VBB,
THDOM(MAX) = 0.389 x VBB,
VBB =7.6V – 18V; tBIT = 96 µs
D4 = tBUS_REC(MAX)/2 x tBIT)
Wake-up Timing
Bus Activity Debounce time
tBDB
5
20
µs
MCP2003/2004
30
70
125
µs
MCP2003A/2004A
Bus Activity to VREN on
tBACTVE
35
150
µs
MCP2003/2004
10
30
90
µs
MCP2003A/2004A
WAKE to VREN on
tWAKE
——
150
µs
Chip Select to VREN on
tCSOR
——
150
µs
VREN floating
Chip Select to VREN off
tCSPD
80
µs
VREN floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com