Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003-E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2003-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003-E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2003-E/P Datasheet HTML 3Page - Microchip Technology MCP2003-E/P Datasheet HTML 4Page - Microchip Technology MCP2003-E/P Datasheet HTML 5Page - Microchip Technology MCP2003-E/P Datasheet HTML 6Page - Microchip Technology MCP2003-E/P Datasheet HTML 7Page - Microchip Technology MCP2003-E/P Datasheet HTML 8Page - Microchip Technology MCP2003-E/P Datasheet HTML 9Page - Microchip Technology MCP2003-E/P Datasheet HTML 10Page - Microchip Technology MCP2003-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 7
MCP2003/4/3A/4A
1.4
Typical Applications
EXAMPLE 1-1:
TYPICAL MCP2003/2003A APPLICATION
EXAMPLE 1-2:
TYPICAL MCP2004/2004A APPLICATION
LIN Bus
VBB
LBUS
VREN
TXD
RXD
VSS
VDD
TXD
RXD
+12
1.0 µF
CS
I/O
WAKE
50
43V
1k
+12
Master Node Only
+12
3.9 k
Wake-up
Voltage Reg
(1)
Note 1:
For applications with current requirements of less than 20 mA, the connection to +12V can be
deleted, and voltage to the regulator supplied directly from the VREN pin.
2:
ESD protection diode.
4.7 k
optional resistor and transient suppressor
33 k
MMBZ27V
220pF
(2)
LIN Bus
VBB
LBUS
VREN
TXD
RXD
VSS
VDD
TXD
RXD
1.0 µF
CS/WAKE
I/O
FAULT/TXE
I/O
50
43V
1k
+12
Master Node Only
+12
220 k
Wake-up
Voltage Reg
100 nF
4.7 k
+12
optional resistor and transient suppressor
MMBZ27V
220pF
(2)
(1)
Note 1:
For applications with current requirements of less than 20 mA, the connection to +12V can be
deleted, and voltage to the regulator supplied directly from the VREN pin.
2:
ESD protection diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com