Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003-E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP2003-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003-E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP2003-E/P Datasheet HTML 10Page - Microchip Technology MCP2003-E/P Datasheet HTML 11Page - Microchip Technology MCP2003-E/P Datasheet HTML 12Page - Microchip Technology MCP2003-E/P Datasheet HTML 13Page - Microchip Technology MCP2003-E/P Datasheet HTML 14Page - Microchip Technology MCP2003-E/P Datasheet HTML 15Page - Microchip Technology MCP2003-E/P Datasheet HTML 16Page - Microchip Technology MCP2003-E/P Datasheet HTML 17Page - Microchip Technology MCP2003-E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 14
 2010-2014 Microchip Technology Inc.
Bus Interface
High-Level Input Voltage
VIH(LBUS)0.6 VBB
—
—
V
Recessive state
Low-Level Input Voltage
VIL(LBUS)-8
—
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
—
—
0.175 VBB
VVIH(LBUS) – VIL(LBUS)
Low-Level Output Current
IOL(LBUS)
40
—
200
mA
Output voltage = 0.1 VBB,
VBB = 12V
High-Level Output Current
IOH(LBUS)—
—
20
µA
Pull-up Current on Input
IPU(LBUS)5
—
180
µA
~30 k
 internal pull-up
@ VIH (LBUS) = 0.7 VBB
Short Circuit Current Limit
ISC
50
—
200
mA
(Note 1)
High-Level Output Voltage
VOH(LBUS)0.9 VBB
—VBB
V
Driver Dominant Voltage
V_LOSUP
——
1.2
V
VBB = 7V, RLOAD = 500
Driver Dominant Voltage
V_HISUP
——
2.0
V
VBB = 18V, RLOAD = 500
Driver Dominant Voltage
V_LOSUP -1K
0.6
—
—
V
VBB = 7V, RLOAD = 1 k
Driver Dominant Voltage
V_HISUP -1K
0.8
—
—
V
VBB = 18V, RLOAD = 1 k
Input Leakage Current
(at the receiver during
dominant bus level)
IBUS_PAS_DOM
-1
-0.4
—
mA
Driver off,
VBUS = 0V,
VBB = 12V
Input Leakage Current
(at the receiver during
recessive bus level)
IBUS_PAS_REC
—
12
20
µA
Driver off,
8V < VBB < 18V
8V < VBUs < 18V
VBUS
 VBB
Leakage Current
(disconnected from ground)
IBUS_NO_GND
-10
1.0
+10
µA
GNDDEVICE = VBB,
0V < VBUS < 18V,
VBB = 12V
Leakage Current
(disconnected from VBB)
IBUS_NO_VBB
——
10
µA
VBB = GND,
0 < VBUS < 18V,
(Note 2)
Receiver Center Voltage
VBUS_CNT
0.475 VBB 0.5 VBB
0.525 VBB
VVBUS_CNT = (VIL (LBUS) +
VIH (LBUS))/2
Slave Termination
RSLAVE
20
30
47
k
Capacitance of Slave Node
CSLAVE
——
50
pF
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 30.0V, TA = -40°C to +125°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0.4 VREG, VLBUS = VBB).
2:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com