Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A-E/P Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2003A-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/P Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2003A-E/P Datasheet HTML 26Page - Microchip Technology MCP2003A-E/P Datasheet HTML 27Page - Microchip Technology MCP2003A-E/P Datasheet HTML 28Page - Microchip Technology MCP2003A-E/P Datasheet HTML 29Page - Microchip Technology MCP2003A-E/P Datasheet HTML 30Page - Microchip Technology MCP2003A-E/P Datasheet HTML 31Page - Microchip Technology MCP2003A-E/P Datasheet HTML 32Page - Microchip Technology MCP2003A-E/P Datasheet HTML 33Page - Microchip Technology MCP2003A-E/P Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 31
MCP2003/4/3A/4A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP2003:
LIN Transceiver, with WAKE pins, wake-up on
falling edge of LBUS
MCP2003T: LIN Transceiver, with WAKE pins, wake-up on
falling edge of LBUS (Tape and Reel) (DFN and
SOIC only)
MCP2003A: LIN Transceiver, with WAKE pins, wake-up on
rising edge of LBUS
MCP2003AT: LIN Transceiver, with WAKE pins, wake-up on
rising edge of LBUS (Tape and Reel) (DFN and
SOIC only)
MCP2004:
LIN Transceiver with FAULT/TXE pins, wake-up
on falling edge of LBUS
MCP2004T: LIN Transceiver with FAULT/TXE pins, wake-up
on falling edge of LBUS (Tape and Reel) (DFN
and SOIC only)
MCP2004A: LIN Transceiver with FAULT/TXE pins, wake-up
on rising edge of LBUS
MCP2004AT: LIN Transceiver with FAULT/TXE pins, wake-up
on rising edge of LBUS (Tape and Reel) (DFN
and SOIC only)
Temperature Range:
E
= -40°C to +125°C
Package:
MD = Plastic Dual Flat, No Lead Package - 4x4x0.9mm
Body, 8-lead
P
= Plastic Dual In-Line - 300 mil Body, 8-lead
SN = Plastic Small Outline - Narrow 3.90mm Body, 8-lead
Examples:
a)
MCP2003A-E/MD: Extended Temperature,
8L-DFN package
b)
MCP2003A-E/P:
Extended Temperature,
8L-PDIP package
c)
MCP2003A-E/SN: Extended Temperature,
8L-SOIC package
d)
MCP2003AT-E/MD: Tape and Reel,
Extended Temperature,
8L-DFN package
e)
MCP2003AT-E/SN: Tape and Reel,
Extended Temperature,
8L-SOIC package
a)
MCP2004-E/MD:
Extended Temperature,
8L-DFN package
b)
MCP2004-E/P:
Extended Temperature,
8L-PDIP package
c)
MCP2004A-E/SN: Extended Temperature,
8L-SOIC package
d)
MCP2004AT-E/MD: Tape and Reel,
Extended Temperature,
8L-DFN package
e)
MCP2004AT-E/SN: Tape and Reel,
Extended Temperature,
8L-SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com