Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2003A-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP2003A-E/P Datasheet HTML 1Page - Microchip Technology MCP2003A-E/P Datasheet HTML 2Page - Microchip Technology MCP2003A-E/P Datasheet HTML 3Page - Microchip Technology MCP2003A-E/P Datasheet HTML 4Page - Microchip Technology MCP2003A-E/P Datasheet HTML 5Page - Microchip Technology MCP2003A-E/P Datasheet HTML 6Page - Microchip Technology MCP2003A-E/P Datasheet HTML 7Page - Microchip Technology MCP2003A-E/P Datasheet HTML 8Page - Microchip Technology MCP2003A-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 1
MCP2003/4/3A/4A
Features:
• The MCP2003/2003A and MCP2004/2004A are
compliant with Local Interconnect Network (LIN)
Bus Specifications 1.3, 2.0 and 2.1 and are
compliant to SAE J2602
• Support Baud Rates up to 20 kbaud
with
LIN-Compatible Output Driver
• 43V Load Dump Protected
• Very Low High Electromagnetic Immunity (EMI)
meets Stringent Original Equipment Manufactur-
ers (OEM) Requirements
• Very High Electrostatic Discharge (ESD)
Immunity:
->20 kV on VBB (IEC 61000-4-2)
->14 kV on LBUS (IEC 61000-4-2)
• Very High Immunity to RF Disturbances meets
Stringent OEM Requirements
• Wide Supply Voltage, 6.0V-27.0V Continuous
• Extended Temperature Range: -40 to +125°C
• Interface to PIC® MCU EUSART and Standard
USARTs
• LIN Bus Pin:
- Internal pull-up resistor and diode
- Protected against battery shorts
- Protected against loss of ground
- High current drive
• Automatic Thermal Shutdown
• Low-Power mode:
- Receiver monitoring bus and transmitter off,
(
5µA)
Description:
This device provides a bidirectional, half-duplex
communication, physical interface to automotive and
industrial LIN systems to meet the LIN Bus
Specification Revision 2.1 and SAE J2602. The device
is short-circuit and over-temperature protected by
internal circuitry. The device has been specifically
designed to operate in the automotive operating
environment and will survive all specified transient
conditions while meeting all of the stringent quiescent
current requirements.
MCP200X family members:
• 8-pin PDIP, DFN and SOIC packages:
- MCP2003, LIN-compatible driver, with WAKE
pins, wake-up on falling edge of LBUS
- MCP2003A, LIN-compatible driver, with
WAKE pins, wake-up on rising edge of LBUS
- MCP2004, LIN-compatible driver, with
FAULT/TXE pins, wake-up on falling edge of
LBUS
- MCP2004A, LIN-compatible driver, with
FAULT/TXE pins, wake-up on rising edge of
LBUS
Package Types
MCP2004/2004A
PDIP, SOIC
FAULT/TXE
CS/WAKE
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
MCP2003/2003A
PDIP, SOIC
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
MCP2003/2003A
4x4 DFN*
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
EP
9
MCP2004/2004A
4x4 DFN*
FAULT/TXE
CS/WAKE
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
EP
9
* Includes Exposed Thermal Pad (EP); see Table 1-2.
LIN J2602 Transceiver


Similar Part No. - MCP2003A-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2003A MICROCHIP-MCP2003A Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
More results

Similar Description - MCP2003A-E/P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
logo
NXP Semiconductors
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1029 NXP-TJA1029 Datasheet
529Kb / 24P
LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Rev. 1-8 January 2013
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003_13 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com