Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2003A-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2003A-E/P Datasheet HTML 7Page - Microchip Technology MCP2003A-E/P Datasheet HTML 8Page - Microchip Technology MCP2003A-E/P Datasheet HTML 9Page - Microchip Technology MCP2003A-E/P Datasheet HTML 10Page - Microchip Technology MCP2003A-E/P Datasheet HTML 11Page - Microchip Technology MCP2003A-E/P Datasheet HTML 12Page - Microchip Technology MCP2003A-E/P Datasheet HTML 13Page - Microchip Technology MCP2003A-E/P Datasheet HTML 14Page - Microchip Technology MCP2003A-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 11
MCP2003/4/3A/4A
1.6
MCP2003/4 and MCP2003A/4A
Difference Details
The differences between the MCP2003/4 and the
MCP2003/4A devices are isolated to the wake-up func-
tionality. The changes were implemented to make the
device more robust to LIN bus conditions, outside of
the normal operating conditions. The MCP2003/4 will
wake-up from Power-Down mode during any LIN falling
edge held low longer than 20 µs.
In the case where a LIN system is designed to minimize
stand-by current by disconnecting all bus pull-ups
resistors (including the external master pull-up resistor
to VBB), the original MCP2003/4 could wake-up, if the
floating bus drifted to a valid low level. The
MCP2003/4A revisions were modified to require a ris-
ing edge after a valid low level. This will prevent an
undesired system wake-up in this scenario, while main-
taining functional capability with the original version.
It should be noted that the original MCP2003/4 meets
all LIN transceiver specification requirements and mod-
ules can be designed to pass all LIN system require-
ments. However, when all bus pull-up resistors are
disconnected, the MCP2003/4 requires the module
designer to write firmware to monitor the LIN Bus after
any wake-up event to prevent the transceiver from
automatically transitioning from Ready mode to
Operational mode.
If the MCP2003/4 is placed into Operational mode, VBB
to LBUS pull-up resistor is automatically connected,
which will raise the LIN bus to a recessive level; then
putting the device to Power-Down mode may cause
LBUS to be floating, and thus wake-up all bus nodes. To
prevent
this,
the
designer
should
ensure
TXD (MCP2003) or TXE (MCP2004) is held low until
valid bus activity is verified (see Figure 1-6). This will
ensure the transceiver transitions from Ready mode to
Transmitter Off mode, until bus activity can be verified.
In the case of valid bus activity, the transceiver can shift
to Operation mode, while if there is no bus activity, the
device can be again placed into Power Down. The
design practices needed to accomplish this are fully
detailed in Tech Brief TB3067 – “MCP2003 Power-
Down Mode and Wake-Up Handling in Case of LIN Bus
Loss
” (DS93067).
The revised MCP2003/4A devices now eliminate the
need for firmware to prevent system wide wake-up.
The revised devices now require a longer valid bus low
(see updated tBDB value in Section 2.3 “DC Specifi-
cations”
and Figure 2-7), which enables a rising edge
detect circuit. The device will now only wake-up after a
rising edge, following a low longer than tBDB. While the
module designer can still hold TXD (MCP2003) or
TXE (MCP2004) low during wake-up, to enter Transmit-
ter Off mode from Ready mode, it is not required to
prevent an advertent system wake-up.
In addition to the longer tBDB value, the time from wake-
up detect to VREN enable is shortened as documented
in Section 2.3 “DC Specifications”.
FIGURE 1-6:
MCP2003/2004 SWITCHING TIMING DIAGRAM FOR THE FORCED POWER-
DOWN MODE SEQUENCE
TXD
VREN
CS
Ready
Mode
Transmitter OFF
Mode
Power Down
Mode after Master
Sleep instruction
Power Down
Mode
tTx2CS 100 ns
tCSactive 100 µs
TXD to
forced
externally
TXD state depending
on how the Slave
Microcontroller is
powered
LBUS
State
LIN bus
disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com