Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A-E/P Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2003A-E/P
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2003A-E/P Datasheet HTML 2Page - Microchip Technology MCP2003A-E/P Datasheet HTML 3Page - Microchip Technology MCP2003A-E/P Datasheet HTML 4Page - Microchip Technology MCP2003A-E/P Datasheet HTML 5Page - Microchip Technology MCP2003A-E/P Datasheet HTML 6Page - Microchip Technology MCP2003A-E/P Datasheet HTML 7Page - Microchip Technology MCP2003A-E/P Datasheet HTML 8Page - Microchip Technology MCP2003A-E/P Datasheet HTML 9Page - Microchip Technology MCP2003A-E/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 6
 2010-2014 Microchip Technology Inc.
FIGURE 1-5:
OPERATIONAL MODES STATE DIAGRAM – MCP2004A
TABLE 1-1:
OVERVIEW OF OPERATIONAL MODES
State
Transmitter Receiver
VREN
Operation
Comments
POR
OFF
OFF
OFF
Check CS, if low then proceed to Ready
mode;
If high, transitions to either TOFF or Operation
mode, depending on TXD (2003/A), or TXD
and FAULT/TXE (2004/A).
VBB > VBB(MIN)
and Internal
Supply stable
Ready
OFF
ON
ON
If CS is high level, then proceed to Operation
or TXOFF mode.
Bus Off state
Operation
ON
ON
ON
If CS is low level, then proceed to Power-
Down;
If FAULT/TXE low level, then proceed to
Transmitter Off mode.
Normal Operation
mode
Power-Down
OFF
Activity
Detect
OFF
On CS high level, proceed to Ready mode
then proceed to either Operation mode or
TXOFF.
MCP2003/2003A: Falling edge on WAKE will
put the device into Ready mode.
MCP2003/MCP2004: falling edge on LIN bus
will put the device into Ready mode.
MCP2003A/MCP2004A: rising edge on LIN
bus will put the device into Ready mode.
Low-Power mode
Transmitter Off
OFF
ON
ON
If CS is low level, then proceed to Power-
Down mode;
If FAULT/TXE and TXD high, then proceed to
Operation mode
FAULT/TXE only
available on
MCP2004/2004A
POR
VREN OFF
RX OFF
TX OFF
VBAT > 5.5V
Ready
VREN ON
RX ON
TX OFF
TOFF
Mode
VREN ON
RX ON
TX OFF
Operation
Mode
VREN ON
RX ON
TX ON
POWER
DOWN
VREN OFF
RX OFF
TX OFF
CS =
1& (TXE = 0 or TXD = 0)
CS =
1& TXD = 1 & TXE = 1
CS =
1& TXD = 1&
TXE =
1& No Fault
Fault (thermal or timeout) or
FAULT/TXE =
0
CS =
0
Rising edge on LIN
or CS =
1
CS =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com