Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406-E/MF Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP1406-E/MF
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/MF Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP1406-E/MF Datasheet HTML 22Page - Microchip Technology MCP1406-E/MF Datasheet HTML 23Page - Microchip Technology MCP1406-E/MF Datasheet HTML 24Page - Microchip Technology MCP1406-E/MF Datasheet HTML 25Page - Microchip Technology MCP1406-E/MF Datasheet HTML 26Page - Microchip Technology MCP1406-E/MF Datasheet HTML 27Page - Microchip Technology MCP1406-E/MF Datasheet HTML 28Page - Microchip Technology MCP1406-E/MF Datasheet HTML 29Page - Microchip Technology MCP1406-E/MF Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 27
MCP1406/07
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1406:
6A High-Speed MOSFET Driver,
Inverting
MCP1406T: 6A High-Speed MOSFET Driver,
Inverting, Tape and Reel
MCP1407:
6A High-Speed MOSFET Driver,
Non-Inverting
MCP1407T: 6A High-Speed MOSFET Driver,
Non-Inverting, Tape and Reel
Temperature Range: E
=
-40°C to +125°C
Package: *
AT
= Plastic Transistor Outline, 5-Lead (TO-220)
MF
= Plastic Dual Flat - 6x5 mm Body,
8-Lead (DFN-S)
P
= Plastic Dual In-Line - 300 mil Body,
8-Lead (PDIP)
SN
= Plastic Small Outline - Narrow, 3.90 mm Body,
8-Lead (SOIC)
* All package offerings are Pb Free (Lead Free)
Examples:
a)
MCP1406-E/MF: 6A High-Speed MOSFET
Driver, Inverting,
8LD DFN Package
b)
MCP1406-E/AT:
6A High-Speed MOSFET
Driver, Inverting,
5LD TO-220 Package
c)
MCP1406-E/SN: 6A High-Speed MOSFET
Driver, Inverting,
8LD SOIC Package
d)
MCP1406-E/P:
6A High-Speed MOSFET
Driver, Inverting,
8LD PDIP Package
e)
MCP1406T-E/MF: Tape and Reel,
6A High-Speed MOSFET
Driver, Inverting,
8LD DFN Package
f)
MCP1406T-E/SN: Tape and Reel,
6A High-Speed MOSFET
Driver, Inverting,
8LD SOIC Package
a)
MCP1407-E/MF: 6A High-Speed MOSFET
Driver, Non-Inverting,
8LD DFN Package
b)
MCP1407-E/AT:
6A High-Speed MOSFET
Driver, Non-Inverting,
5LD TO-220 Package
c)
MCP1407-E/SN: 6A High-Speed MOSFET
Driver, Non-Inverting,
8LD SOIC Package
d)
MCP1407-E/P:
6A High-Speed MOSFET
Driver, Non-Inverting,
8LD PDIP Package
e)
MCP1407T-E/MF: Tape and Reel,
6A High-Speed MOSFET
Driver, Non-Inverting,
8LD DFN Package
f)
MCP1407T-E/SN: Tape and Reel,
6A High-Speed MOSFET
Driver, Non-Inverting,
8LD SOIC Package
PART NO.
X
XX
Package
Temperature
Range
Device
XXX
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com