Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406-E/MF Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1406-E/MF
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/MF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1406-E/MF Datasheet HTML 2Page - Microchip Technology MCP1406-E/MF Datasheet HTML 3Page - Microchip Technology MCP1406-E/MF Datasheet HTML 4Page - Microchip Technology MCP1406-E/MF Datasheet HTML 5Page - Microchip Technology MCP1406-E/MF Datasheet HTML 6Page - Microchip Technology MCP1406-E/MF Datasheet HTML 7Page - Microchip Technology MCP1406-E/MF Datasheet HTML 8Page - Microchip Technology MCP1406-E/MF Datasheet HTML 9Page - Microchip Technology MCP1406-E/MF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MCP1406/07
DS20002019C-page 6
 2006-2016 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Resistances
Junction-to-Ambient Thermal Resistance,
8-L 6x5 DFN
JA
—31.8
—
°C/W Note 1
Junction-to-Ambient Thermal Resistance, 8-L PDIP
JA
—65.2
—
°C/W Note 1
Junction-to-Ambient Thermal Resistance, 8-L SOIC
JA
—96.3
—
°C/W Note 1
Junction-to-Ambient Thermal Resistance,
5-L TO-220
JA
—20.1
—
°C/W Note 1
Junction-to-Case (Bottom) Thermal Resistance,
5-L TO-220
JC(BOT)
3.2
—
°C/W Note 2
Junction-to-Top Characterization Parameter,
8-L 6x5 DFN
JT
0.2
—
°C/W Note 1
Junction-to-Top Characterization Parameter,
8-L PDIP
JT
8.8
—
°C/W Note 1
Junction-to-Top Characterization Parameter,
8-L SOIC
JT
3.2
—
°C/W Note 1
Junction-to-Top Characterization Parameter,
5-L TO-220
JT
3.6
—
°C/W Note 1
Junction-to-Board Characterization Parameter,
8-L 6x5 DFN
JB
15.5
—
°C/W Note 1
Junction-to-Board Characterization Parameter,
8-L PDIP
JB
36.1
—
°C/W Note 1
Junction-to-Board Characterization Parameter,
8-L SOIC
JB
60.7
—
°C/W Note 1
Junction-to-Board Characterization Parameter,
5-L TO-220
JB
4.0
—
°C/W Note 1
Note 1: Parameter is determined using a High 2S2P 4-layer board, as described in JESD 51-7, as well as in JESD
51-5, for packages with exposed pads.
2: Parameter is determined using a 1S0P 2-layer board with a cold plate attached to indicated location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com