Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406-E/MF Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1406-E/MF
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/MF Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1406-E/MF Datasheet HTML 7Page - Microchip Technology MCP1406-E/MF Datasheet HTML 8Page - Microchip Technology MCP1406-E/MF Datasheet HTML 9Page - Microchip Technology MCP1406-E/MF Datasheet HTML 10Page - Microchip Technology MCP1406-E/MF Datasheet HTML 11Page - Microchip Technology MCP1406-E/MF Datasheet HTML 12Page - Microchip Technology MCP1406-E/MF Datasheet HTML 13Page - Microchip Technology MCP1406-E/MF Datasheet HTML 14Page - Microchip Technology MCP1406-E/MF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 11
MCP1406/07
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with local capacitors. The bypass
capacitors provide a localized low-impedance path for
the peak currents that are to be provided to the load.
3.2
Control Input (INPUT)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input also has hys-
teresis between the high and low input levels, allowing
them to be driven from slow rising and falling signals,
and to provide noise immunity.
3.3
Ground (GND)
Ground is the device return pin. The ground pin should
have a low impedance connection to the bias supply
source return. High peak currents will flow out the
ground pin when the capacitive load is being
discharged.
3.4
CMOS Push-Pull Output
(OUTPUT)
The output is a CMOS push-pull output that is capable
of sourcing peak currents of 6A (VDD = 18V). The low
output impedance ensures the gate of the external
MOSFET will stay in the intended state even during
large transients. The output pins also have reverse
current latch-up ratings of 1.5A.
3.5
Exposed Metal Pad (6x5 DFN only)
The exposed metal pad of the DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a printed circuit board to aid in heat
removal from the package.
3.6
TO-220 Metal Tab
The metal tab on the TO-220 package is at VDD
potential. This metal tab is not intended to be the VDD
connection to MCP1406/07. VDD should be supplied
using the Supply Input pin of the TO-220.
TABLE 3-1:
PIN FUNCTION TABLE(1)
5-Pin
TO-220
8-Pin
6x5 DFN
8-Pin
PDIP, SOIC
Symbol
Description
—1
1
VDD
Supply Input
1
2
2
INPUT
Control Input
—
3
3
NC
No Connection
2
4
4
GND
Ground
4
5
5
GND
Ground
5
6
6
OUTPUT
CMOS Push-Pull Output
—
7
7
OUTPUT
CMOS Push-Pull Output
38
8
VDD
Supply Input
—
9
—
EP
Exposed Metal Pad
TAB
—
—
VDD
Metal Tab at VDD Potential
Note 1: Duplicate pins must be connected for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com