Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406-E/MF Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1406-E/MF
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/MF Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1406-E/MF Datasheet HTML 10Page - Microchip Technology MCP1406-E/MF Datasheet HTML 11Page - Microchip Technology MCP1406-E/MF Datasheet HTML 12Page - Microchip Technology MCP1406-E/MF Datasheet HTML 13Page - Microchip Technology MCP1406-E/MF Datasheet HTML 14Page - Microchip Technology MCP1406-E/MF Datasheet HTML 15Page - Microchip Technology MCP1406-E/MF Datasheet HTML 16Page - Microchip Technology MCP1406-E/MF Datasheet HTML 17Page - Microchip Technology MCP1406-E/MF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP1406/07
DS20002019C-page 14
 2006-2016 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead SOIC (3.90 mm)
Example
NNN
MCP1406E
SN ^^1510
256
3
e
YYWWNNN
XXXXXXXXX
XXXXXXXXX
MCP1406
EAT ^^
15102562
5-Lead TO-220
Example
3
e
PIN 1
NNN
PIN 1
8-Lead DFN-S (6x5x0.9 mm)
Example
MCP1406
E/MF ^^
1510
256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com