Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583 Datasheet(HTML) 3 Page - Microchip Technology

  HV583 Datasheet HTML 1Page - Microchip Technology HV583 Datasheet HTML 2Page - Microchip Technology HV583 Datasheet HTML 3Page - Microchip Technology HV583 Datasheet HTML 4Page - Microchip Technology HV583 Datasheet HTML 5Page - Microchip Technology HV583 Datasheet HTML 6Page - Microchip Technology HV583 Datasheet HTML 7Page - Microchip Technology HV583 Datasheet HTML 8Page - Microchip Technology HV583 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2015 Microchip Technology Inc.
DS20005461A-page 3
HV583
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Rating†
Supply Voltage VDD.................................................................................................................................... -0.5V to +6.5V
High-Voltage Supply VPP ............................................................................................................................ -0.5V to +90V
Output Sink and Source Current IOUT.................................................................................................. -65 mA to +40 mA
Output Body Diode Current IDIODE....................................................................................................... -65 mA to +65 mA
Logic Input Voltage..............................................................................................................................-0.5V to VDD +0.5V
Operating Junction Temperature.............................................................................................................-25°C to +125°C
Storage Temperature ..............................................................................................................................-40°C to +150°C
†Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability. Device is ESD sensitive. Use appropriate ESD precautions.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
High-Voltage Supply
VPP
15
-
80
V
Low-Voltage Supply
VDD
4.5
5.0
5.5
V
HVOUT Peak Output Current
IOUT
-30
-
30
mA
VPP Power Supply Slew Rate
SR
-
-
8.0
V/μs
Clock Frequency
fCLK
-
-
40
MHz
Data Read
-
-
25
MHz
Cascaded Devices
TABLE 1-1:
POWER SEQUENCES
Sequence Type
Steps
Power- Up Sequence
1.
Connect Ground.
2.
Apply VDD.
3.
Set All Inputs (Data, CLK, etc.) to a known state.
4.
Apply VPP
Power- Down Sequence
Repeat the Power-Up sequence in reverse order.
DC ELECTRICAL CHARACTERISTICS
Electrical specifications
: Unless otherwise specified, TA =TJ =+25°C, VDD = 5.0V and VPP =80V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
VPP Quiescent Supply Current
IPPQ
——
10
μA
VDD Quiescent Supply Current
IDDQ
——
10
μA
High-Level Output Voltage
HVOH
73
76
—
V
IOUT =15mA, VPP =80V
10
—
—
IOUT =10mA, VPP =20V
Output P-Channel Body Diode
HVOHD
—
—
81.5
VIOUT =-30 mA, VPP =80V
(Note 1)
Low-Level Output Voltage
HVOL
—3.0
6.0
V
IOUT =-15 mA
Output N-Channel Body Diode
HVOLD
-1.5
—
—
V
IOUT =30mA (Note 1)
Note 1:
Specification is for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com