Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV583 Datasheet HTML 5Page - Microchip Technology HV583 Datasheet HTML 6Page - Microchip Technology HV583 Datasheet HTML 7Page - Microchip Technology HV583 Datasheet HTML 8Page - Microchip Technology HV583 Datasheet HTML 9Page - Microchip Technology HV583 Datasheet HTML 10Page - Microchip Technology HV583 Datasheet HTML 11Page - Microchip Technology HV583 Datasheet HTML 12Page - Microchip Technology HV583 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2015 Microchip Technology Inc.
DS20005461A-page 9
HV583
TABLE 2-1:
PIN ASSIGNMENT
Pin #
Name
Pin #
Name
Pin #
Name
Pin #
Name
A1
HVOUT86
D5
HVOUT73
H5, H9, K4, K7
NC
M8
CLK
A2
HVOUT85
D6
HVOUT68
H6, H7, H8,
J5, J6, J7, J8, J9
PGND
M9
D2B
A3
HVOUT83
D7
HVOUT63
H10
HVOUT20
M10
HVOUT2
A4
HVOUT80
D8
HVOUT58
H11
HVOUT21
M11
HVOUT5
A5
HVOUT76
D9
HVOUT53
H12
HVOUT22
M12
HVOUT7
A6
HVOUT71
D10
HVOUT48
H13
HVOUT23
M13
HVOUT10
A7
HVOUT66
D11
HVOUT36
J1
HVOUT112
N1
HVOUT119
A8
HVOUT61
D12
HVOUT37
J2
HVOUT111
N2
HVOUT121
A9
HVOUT56
D13
HVOUT38
J3
HVOUT110
N3
HVOUT124
A10
HVOUT51
E1
HVOUT96
J4
HVOUT109
N4
HVOUT127
A11
HVOUT47
E2
HVOUT95
J10
HVOUT16
N5
D3A
A12
HVOUT44
E3
HVOUT94
J11
HVOUT17
N6
OH
A13
HVOUT42
E4
HVOUT93
J12
HVOUT18
N7
RST
B1
HVOUT87
E5
HVOUT72
J13
HVOUT19
N8
D4B
B2
HVOUT84
E6
HVOUT67
K1
HVOUT115
N9
D1B
B3
HVOUT82
E7
HVOUT62
K2
HVOUT114
N10
HVOUT3
B4
HVOUT79
E8
HVOUT57
K3
HVOUT113
N11
HVOUT6
B5
HVOUT75
E9
HVOUT52
K5, K9
DGND
N12
HVOUT8
B6
HVOUT70
E10
HVOUT32
K6, K8
VDD
N13
HVOUT9
B7
HVOUT65
E11
HVOUT33
K10
HVOUT0
B8
HVOUT60
E12
HVOUT34
K11
HVOUT13
B9
HVOUT55
E13
HVOUT35
K12
HVOUT14
B10
HVOUT50
F1
HVOUT100
K13
HVOUT15
B11
HVOUT46
F2
HVOUT99
L1
HVOUT117
B12
HVOUT43
F3
HVOUT98
L2
HVOUT116
B13
HVOUT41
F4
HVOUT97
L3
HVOUT122
C1
HVOUT89
F5, F6, F7, F8, F9,
G5, G6, G7, G8, G9
VPP
L4
HVOUT125
C2
HVOUT88
F10
HVOUT28
L5
D1A
C3
HVOUT81
F11
HVOUT29
L6
D4A
C4
HVOUT78
F12
HVOUT30
L7
OE
C5
HVOUT74
F13
HVOUT31
L8
LE
C6
HVOUT69
G1
HVOUT104
L9
D3B
C7
HVOUT64
G2
HVOUT103
L10
HVOUTN1
C8
HVOUT59
G3
HVOUT102
L11
HVOUT4
C9
HVOUT54
G4
HVOUT101
L12
HVOUT11
C10
HVOUT49
G10
HVOUT24
L13
HVOUT12
C11
HVOUT45
G11
HVOUT25
M1
HVOUT118
C12
HVOUT39
G12
HVOUT26
M2
HVOUT120
C13
HVOUT40
G13
HVOUT27
M3
HVOUT123
D1
HVOUT92
H1
HVOUT108
M4
HVOUT126
D2
HVOUT91
H2
HVOUT107
M5
D2A
D3
HVOUT90
H3
HVOUT106
M6
OL
D4
HVOUT77
H4
HVOUT105
M7
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com