Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV583 Datasheet HTML 7Page - Microchip Technology HV583 Datasheet HTML 8Page - Microchip Technology HV583 Datasheet HTML 9Page - Microchip Technology HV583 Datasheet HTML 10Page - Microchip Technology HV583 Datasheet HTML 11Page - Microchip Technology HV583 Datasheet HTML 12Page - Microchip Technology HV583 Datasheet HTML 13Page - Microchip Technology HV583 Datasheet HTML 14Page - Microchip Technology HV583 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2015 Microchip Technology Inc.
DS20005461A-page 11
HV583
3.0
FUNCTIONAL DESCRIPTION
The HV583 is a unipolar, 128-channel low-voltage
serial to high-voltage parallel converter. The device
consists of four parallel 32-bit shift registers, a 128-bit
latch and 128 high-voltage outputs.
The four independent shift registers allow data to be
updated into the 128-bit latch at four times the speed of
a single register, providing a fast update rate for the
128 output channels. The 128-bit latch holds the data
for the high-voltage output channels; whether it is a
High-level or Low-level state. The flow of the input data
can switch direction from clockwise (DnB to DnA) to
counter-clockwise (DnA to DnB) by controlling the DIR
pin. A reset pin (RST) is provided to clear the contents
of the latches. All channels can be set at the same time
to a high-impedance state (High Z), Low-level state, or
High-level state through the OE, OL and OH pins,
respectively.
The high-output voltages (HVOUTn) can operate from
15V to 80V with a maximum current source and sink
capability of 30 mA.
3.1
Application Information
HV583 is designed for applications requiring multiple
high-voltage outputs with current sinking and sourcing
capabilities in the range of
±30 mA.
Typical
applications where the HV583 is utilized are in plasma
displays, Inkjet printer drivers and 3D printer drivers.
FIGURE 3-1:
Typical Application Block Diagram.
Low Voltage
Shift Register
Latches
Output Control
High Voltage
Level Translators
and
Push-Pull Output
Buffers
Microprocessor
D(1-4)A
CLK
LE
OE
OL
OH
DIR
Piezo Element
High-Voltage
Power Supply
Low-Voltage
Power Supply
HV583
HVOUT0
HVOUT127
DIN(1-4) for Cascading the next HV583
RST
D(1-4)B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com