Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV583 Datasheet HTML 3Page - Microchip Technology HV583 Datasheet HTML 4Page - Microchip Technology HV583 Datasheet HTML 5Page - Microchip Technology HV583 Datasheet HTML 6Page - Microchip Technology HV583 Datasheet HTML 7Page - Microchip Technology HV583 Datasheet HTML 8Page - Microchip Technology HV583 Datasheet HTML 9Page - Microchip Technology HV583 Datasheet HTML 10Page - Microchip Technology HV583 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2015 Microchip Technology Inc.
DS20005461A-page 7
HV583
1.2
Timing Diagram
twCLK
twCLK
th1
tsu1
tsu1
th1
tpdLH
tpdHL
tsu2
th2
twLE
twLE
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
tsu3
50%
50%
50%
50%
90%
10%
90%
10%
10%
90%
90%
10%
50%
50%
tpLH
tpHZ
tpLZ
tpLZH
tpHZL
tpHL
tr
tf
tr
90%
10%
90%
10%
tf
tpHL
tpLH= tpHL+ tf
CLK
DnA/B
(input)
LE
OL, OH
OE
OE
HVOUTn
LE, OH, OL
DnA/B
(output)
LE, OH, OL
HVOUTn
HVOUTn
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
50%
50%
VOH
VOL
VOL
VOH
VOH
VOL
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com