Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QFO080QL Datasheet(PDF) 1 Page - AMIC Technology

Part # A25QFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL Datasheet(HTML) 1 Page - AMIC Technology

  A25QFO080QL Datasheet HTML 1Page - AMIC Technology A25QFO080QL Datasheet HTML 2Page - AMIC Technology A25QFO080QL Datasheet HTML 3Page - AMIC Technology A25QFO080QL Datasheet HTML 4Page - AMIC Technology A25QFO080QL Datasheet HTML 5Page - AMIC Technology A25QFO080QL Datasheet HTML 6Page - AMIC Technology A25QFO080QL Datasheet HTML 7Page - AMIC Technology A25QFO080QL Datasheet HTML 8Page - AMIC Technology A25QFO080QL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
A25LQ080 Series
8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
with 100MHz Uniform 4KB Sectors
(April, 2016, Version 1.0)
AMIC Technology Corp.
AMIC reserves the right to change products and specifications discussed herein without notice.
Document Title
8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory with 100MHz Uniform 4KB
Sectors
Revision History
Rev. No.
History
Issue Date
Remark
1.0
Final version issue
April 1, 2016
Final


Similar Part No. - A25QFO080QL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A25Q128 AITSEMI-A25Q128 Datasheet
1Mb / 58P
MEMORY SPI NOR FLASH 128M BIT
REV1.0
A25Q128J8R AITSEMI-A25Q128J8R Datasheet
1Mb / 58P
MEMORY SPI NOR FLASH 128M BIT
REV1.0
A25Q128J8VR AITSEMI-A25Q128J8VR Datasheet
1Mb / 58P
MEMORY SPI NOR FLASH 128M BIT
REV1.0
A25Q128M16U-C AITSEMI-A25Q128M16U-C Datasheet
1Mb / 58P
MEMORY SPI NOR FLASH 128M BIT
REV1.0
A25Q128M16VU-C AITSEMI-A25Q128M16VU-C Datasheet
1Mb / 58P
MEMORY SPI NOR FLASH 128M BIT
REV1.0
More results

Similar Description - A25QFO080QL

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
8Mbit (1Mx8) 3V Only Serial Flash Memory
logo
Micron Technology
N25Q064A13E1240F MICRON-N25Q064A13E1240F Datasheet
1Mb / 81P
64Mb, 3V, Multiple I/O Serial Flash Memory
N25Q064A13ESE40G MICRON-N25Q064A13ESE40G Datasheet
1Mb / 81P
64Mb, 3V, Multiple I/O Serial Flash Memory
logo
AMIC Technology
A25LQ16 AMICC-A25LQ16 Datasheet
1Mb / 60P
16Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ32A AMICC-A25LQ32A Datasheet
1Mb / 59P
32Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
logo
Integrated Silicon Solu...
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com