Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QFO080QL Datasheet(PDF) 33 Page - AMIC Technology

Part # A25QFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL Datasheet(HTML) 33 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 29Page - AMIC Technology A25QFO080QL Datasheet HTML 30Page - AMIC Technology A25QFO080QL Datasheet HTML 31Page - AMIC Technology A25QFO080QL Datasheet HTML 32Page - AMIC Technology A25QFO080QL Datasheet HTML 33Page - AMIC Technology A25QFO080QL Datasheet HTML 34Page - AMIC Technology A25QFO080QL Datasheet HTML 35Page - AMIC Technology A25QFO080QL Datasheet HTML 36Page - AMIC Technology A25QFO080QL Datasheet HTML 37Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
32
AMIC Technology Corp.
Deep Power-down (DP)
Executing the Deep Power-down (DP) instruction is the only
way to put the device in the lowest consumption mode (the
Deep Power-down mode). It can also be used as an extra
software protection mechanism, while the device is not in
active use, since in this mode, the device ignores all Write,
Program and Erase instructions.
Driving Chip Select ( S ) High deselects the device, and puts
the device in the Standby mode (if there is no internal cycle
currently in progress). But this mode is not the Deep
Power-down mode. The Deep Power-down mode can only be
entered by executing the Deep Power-down (DP) instruction,
to reduce the standby current (from ICC1 to ICC2, as specified in
DC Characteristics Table.).
Once the device has entered the Deep Power-down mode, all
instructions are ignored except the Release from Deep
Power-down and Read Electronic Signature (RES) instruction.
This releases the device from this mode. The Release from
Deep Power-down and Read Electronic Signature (RES)
instruction also allows the Electronic Signature of the device
to be output on Serial Data Output (DO).
The Deep Power-down mode automatically stops at
Power-down, and the device always Powers-up in the
Standby mode.
The Deep Power-down (DP) instruction is entered by driving
Chip Select ( S ) Low, followed by the instruction code on
Serial Data Input (DI). Chip Select ( S ) must be driven Low for
the entire duration of the sequence. The instruction sequence
is shown in Figure 22.
Chip Select ( S ) must be driven High after the eighth bit of the
instruction code has been latched in, otherwise the Deep
Power-down (DP) instruction is not executed. As soon as
Chip Select ( S ) is driven High, it requires a delay of tDP
before the supply current is reduced to ICC2 and the Deep
Power-down mode is entered.
Any Deep Power-down (DP) instruction, while an Erase,
Program or Write Status Register cycle is in progress, is
rejected without having any effects on the cycle that is in
progress.
Figure 22. Deep Power-down (DP) Instruction Sequence
S
C
DI
1 2 3 45 6 7
0
Instruction (B9h)
t
DP
Stand-by Mode
Deep Power-down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com