Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QFO080QL Datasheet(PDF) 41 Page - AMIC Technology

Part # A25QFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL Datasheet(HTML) 41 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 37Page - AMIC Technology A25QFO080QL Datasheet HTML 38Page - AMIC Technology A25QFO080QL Datasheet HTML 39Page - AMIC Technology A25QFO080QL Datasheet HTML 40Page - AMIC Technology A25QFO080QL Datasheet HTML 41Page - AMIC Technology A25QFO080QL Datasheet HTML 42Page - AMIC Technology A25QFO080QL Datasheet HTML 43Page - AMIC Technology A25QFO080QL Datasheet HTML 44Page - AMIC Technology A25QFO080QL Datasheet HTML 45Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
40
AMIC Technology Corp.
Read SFDP Register (5Ah)
The A25LQ080 features a 64-Byte Serial Flash Discoverable
Parameter (SFDP) register that contains information about
devices operational capability such as available commands,
timing and other features.
The SFDP parameters are stored in one or more Parameter
Identification (PID) tables. Currently only one PID table is
specified but more may be added in the future. The Read
SFDP Register instruction is compatible with the JEDEC
SFDP standard (JESD216) established in 2011.
The Read SFDP instruction is initiated by driving Chip Select
( S ) Low and shifting the instruction code “5Ah” followed by a
24-bit address (A23-A0)
(1) into the DIO pin. Eight “dummy”
clocks are also required before the SFDP register contents
are shifted out on the falling edge of the 40
th Serial Clock (C)
with most significant bit (MSB) first as shown in figure 31. For
SFDP register values and descriptions, refer to the following
SFDP Definition table.
Note: 1. A23-A6 = 0; A5-A0 are used to define the starting
byte address for the 64-Byte SFDP Register.
Figure 30. Read SFDP Register Instruction Sequence Diagram
Instruction (5Ah)
High Impedance
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
Data Out 1
Data Out 2
7
0
S
C
DIO
DO
S
C
DIO
DO
32 33 34 35 36 37 38 39
65 4
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
MSB
0
MSB
7 6 54 32 1
MSB
7 6 54 32 1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com