Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QFO080QL Datasheet(PDF) 4 Page - AMIC Technology

Part # A25QFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL Datasheet(HTML) 4 Page - AMIC Technology

  A25QFO080QL Datasheet HTML 1Page - AMIC Technology A25QFO080QL Datasheet HTML 2Page - AMIC Technology A25QFO080QL Datasheet HTML 3Page - AMIC Technology A25QFO080QL Datasheet HTML 4Page - AMIC Technology A25QFO080QL Datasheet HTML 5Page - AMIC Technology A25QFO080QL Datasheet HTML 6Page - AMIC Technology A25QFO080QL Datasheet HTML 7Page - AMIC Technology A25QFO080QL Datasheet HTML 8Page - AMIC Technology A25QFO080QL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
3
AMIC Technology Corp.
PIN DESCRIPTION
Chip Select ( S )
The SPI Chip Select (
S ) pin enables and disables device
operation. When Chip Select (
S ) is high the device is
deselected and the Serial Data Output (DO, or IO0, IO1, IO2,
IO3) pins are at high impedance. When deselected, the
devices power consumption will be at standby levels unless
an internal erase, program or write status register cycle is in
progress.
When Chip Select (
S ) is brought low the device will be
selected, power consumption will increase to active levels
and instructions can be written to and data read from the
device. After power-up, Chip Select (
S ) must transition from
high to low before a new instruction will be accepted.
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2,
IO3)
The A25LQ080 support standard SPI, Dual SPI and Quad
SPI
operation.
Standard
SPI
instructions
use
the
unidirectional DI (input) pin to serially write instructions,
addresses or data to the device on the rising edge of the
Serial Clock (C) input pin. Standard SPI also uses the
unidirectional DO (output) to read data or status from the
device on the falling edge of Serial Clock (C).
Dual and Quad SPI instruction use the bidirectional IO pins
to serially write instructions, addresses or data to the device
on the rising edge of Serial clock (C) and read data or status
from the device on the falling edge of Serial Clock (C).
Quad SPI instructions require the non-volatile Quad Enable
bit (QE) in Status Register-2 to be set. When QE=1 the Write
Protect (
W ) pin becomes IO2 and Hold ( HOLD ) pin
becomes IO3.
Write Protect (
W )
The Write Protect (
W ) pin can be used to prevent the Status
Register from being written. Used in conjunction with the
Status Register’s Block Protect (CMP, SEC, TB, BP2, BP1
and BP0) bits and Status Register Protect (SRP0) bit, a
portion or the entire memory array can be hardware
protected. The Write Protect (
W ) pin is active low.
When the QE bit of Status Register-2 is set for Quad I/O, the
Write Protect (
W ) pin (Hardware Write Protect) function is
not available since this pin is used for IO2. See the Pin
Configuration for Quad I/O operation.
Hold ( HOLD )
The Hold (
HOLD ) pin allows the device to be paused while
it is actively selected. When Hold (
HOLD ) pin is brought low,
while Chip Select (
S ) pin is low, the DO pin will be at high
impedance and signals on the DI and Serial Clock (C) pins
will be ignored (don’t care). When Hold (
HOLD ) pin is
brought high, device operation can resume. The Hold
function can be useful when multiple devices are sharing the
same SPI signals. The Hold (
HOLD ) pin is active low.
When the QE bit of Status Register-2 is set for Quad I/O. the
Hold (
HOLD ) pin function is not available since this pin is
used for IO3. See the Pin Configuration for Quad I/O
operation.
Serial Clock (C)
The SPI Serial Clock Input (C) pin provides the timing for
serial input and output operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com