Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3134 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 29Page - Texas Instruments TMS570LS3134 Datasheet HTML 30Page - Texas Instruments TMS570LS3134 Datasheet HTML 31Page - Texas Instruments TMS570LS3134 Datasheet HTML 32Page - Texas Instruments TMS570LS3134 Datasheet HTML 33Page - Texas Instruments TMS570LS3134 Datasheet HTML 34Page - Texas Instruments TMS570LS3134 Datasheet HTML 35Page - Texas Instruments TMS570LS3134 Datasheet HTML 36Page - Texas Instruments TMS570LS3134 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
4.2.2.14 System Module Interface
Table 4-30. ZWT System Module Interface
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
Power-on reset, cold reset
External power supply monitor
circuitry must drive nPORRST
Fixed 100-µA
low when any of the supplies
nPORRST
W7
Input
Pulldown
Pulldown
to the microcontroller fall out
of the specified range. This
terminal has a glitch filter.
See Section 6.8.
System reset, warm reset,
bidirectional.
The internal circuitry indicates
any reset condition by driving
nRST low.
The external circuitry can
assert a system reset by
Fixed 100-µA
nRST
B17
I/O
Pullup
driving nRST low. To ensure
Pullup
that an external reset is not
arbitrarily generated, TI
recommends that an external
pullup resistor is connected to
this terminal.
This terminal has a glitch
filter. See Section 6.8.
ESM Error Signal
Fixed 20-µA
nERROR
B14
I/O
Pulldown
Indicates error of high
Pulldown
severity. See Section 6.18.
4.2.2.15 Clock Inputs and Outputs
Table 4-31. ZWT Clock Inputs and Outputs
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
From external
OSCIN
K1
Input
crystal/resonator, or external
clock input
N/A
None
KELVIN_GND
L2
Input
Kelvin ground for oscillator
OSCOUT
L1
Output
To external crystal/resonator
Programmable,
External prescaled clock
ECLK
A12
I/O
Pulldown
20 µA
output, or GIO.
GIOA[5]/EXTCLKIN/N2HET1_PIN_nDIS
B5
Input
External clock input #1
Fixed 20-µA
Pulldown
Pulldown
ETMTRACECLKIN/EXTCLKIN2
R9
Input
External clock input #2
1.2-V
Dedicated core supply for
VCCPLL
P11
N/A
None
Power
PLLs
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com