Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3134 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 35Page - Texas Instruments TMS570LS3134 Datasheet HTML 36Page - Texas Instruments TMS570LS3134 Datasheet HTML 37Page - Texas Instruments TMS570LS3134 Datasheet HTML 38Page - Texas Instruments TMS570LS3134 Datasheet HTML 39Page - Texas Instruments TMS570LS3134 Datasheet HTML 40Page - Texas Instruments TMS570LS3134 Datasheet HTML 41Page - Texas Instruments TMS570LS3134 Datasheet HTML 42Page - Texas Instruments TMS570LS3134 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
5
Specifications
5.1
Absolute Maximum Ratings
(1)
Over Operating Free-Air Temperature Range
MIN
MAX
UNIT
VCC
(2)
–0.3
1.43
Supply voltage
VCCIO, VCCP
(2)
–0.3
4.6
V
VCCAD
–0.3
6.25
All input pins
–0.3
4.6
Input voltage
V
ADC input pins
–0.3
6.25
IIK (VI < 0 or VI > VCCIO)
–20
20
All pins, except AD1IN[23:0] and AD2IN[15:0]
mA
Input clamp current
IIK (VI < 0 or VI > VCCAD)
–10
10
AD1IN[23:0] and AD2IN[15:0]
Total
–40
40
mA
Operating free-air temperature, TA:
–40
125
°C
Operating junction temperature, TJ:
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum-rated conditions for extended periods may affect device reliability. All voltage values are with respect to their associated
grounds.
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2
kV
All pins
±500
Electrostatic discharge
Corner pins on 144-pin PGE
VESD
Charged device model (CDM),
±750
(ESD) performance:
(1, 36, 37, 72, 73, 108, 109, 144)
V
per AEC Q100-011
Corner balls on 337-ball ZWT
±750
(A1, A19, W1, W19)
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS
‑001 specification.
5.3
Power-On Hours (POH)
(1) (2)
JUNCTION
NOMINAL CORE VOLTAGE (VCC)
LIFETIME POH
TEMPERATURE (Tj)
1.2
105ºC
100K
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard terms
and conditions for TI semiconductor products.
(2)
To avoid significant degradation, the device power-on hours (POH) must be limited to those specified in this table. To convert to
equivalent POH for a specific temperature profile, see the Calculating Equivalent Power-on-Hours for Hercules Safety MCUs Application
Report (SPNA207).
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com