Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3134 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 77Page - Texas Instruments TMS570LS3134 Datasheet HTML 78Page - Texas Instruments TMS570LS3134 Datasheet HTML 79Page - Texas Instruments TMS570LS3134 Datasheet HTML 80Page - Texas Instruments TMS570LS3134 Datasheet HTML 81Page - Texas Instruments TMS570LS3134 Datasheet HTML 82Page - Texas Instruments TMS570LS3134 Datasheet HTML 83Page - Texas Instruments TMS570LS3134 Datasheet HTML 84Page - Texas Instruments TMS570LS3134 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 167 page
background image
TCM BUS
TCM BUS
72 Bit data + ECC
72 Bit data + ECC
Upper 32 bits data &
4 ECC bits
Lower 32 bits data &
4 ECC bits
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
Upper 32 bits data &
4 ECC bits
Lower 32 bits data &
4 ECC bits
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
TCRAM
Interface 1
Cortex-R4F
B0
TCM
B1
TCM
TCRAM
Interface 2
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
6.11 Tightly Coupled RAM (TCRAM) Interface Module
Figure 6-12 illustrates the connection of the Tightly Coupled RAM (TCRAM) to the Cortex-R4F CPU.
Figure 6-12. TCRAM Block Diagram
6.11.1 Features
The features of the TCRAM Module are:
•
Acts as slave to the BTCM interface of the Cortex-R4F CPU
•
Supports CPU's internal ECC scheme by providing 64-bit data and 8-bit ECC code
•
Monitors CPU Event Bus and generates single or multibit error interrupts
•
Stores addresses for single and multibit errors
•
Supports RAM trace module
•
Provides CPU address bus integrity checking by supporting parity checking on the address bus
•
Performs redundant address decoding for the RAM bank chip select and ECC select generation logic
•
Provides enhanced safety for the RAM addressing by implementing two 36-bit-wide byte-interleaved RAM banks
and generating independent RAM access control signals to the two banks
•
Supports auto-initialization of the RAM banks along with the ECC bits
•
No support for bit-wise RAM accesses
6.11.2 TCRAM Interface ECC Support
The TCRAM interface passes on the ECC code for each data read by the Cortex-R4F CPU from the RAM.
It also stores the ECC port contents of the CPU in the ECC RAM when the CPU does a write to the RAM.
The TCRAM interface monitors the event bus of the CPU and provides registers for indicating singlebit or
multibit errors and also for identifying the address that caused the single or multibit error. The event
signaling and the ECC checking for the RAM accesses must be enabled inside the CPU.
For more information see the device specific technical reference manual.
6.12
Parity Protection for Peripheral RAMs
Most peripheral RAMs are protected by odd/even parity checking. During a read access the parity is
calculated based on the data read from the peripheral RAM and compared with the good parity value
stored in the parity RAM for that peripheral. If any word fails the parity check, the module generates a
parity error signal that is mapped to the Error Signaling Module. The module also captures the peripheral
RAM address that caused the parity error.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
81
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com