Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3134 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 3Page - Texas Instruments TMS570LS3134 Datasheet HTML 4Page - Texas Instruments TMS570LS3134 Datasheet HTML 5Page - Texas Instruments TMS570LS3134 Datasheet HTML 6Page - Texas Instruments TMS570LS3134 Datasheet HTML 7Page - Texas Instruments TMS570LS3134 Datasheet HTML 8Page - Texas Instruments TMS570LS3134 Datasheet HTML 9Page - Texas Instruments TMS570LS3134 Datasheet HTML 10Page - Texas Instruments TMS570LS3134 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
2
Revision History
This data manual revision history highlights the technical changes made to the SPNS165A device-specific
data manual to make it an SPNS165B revision.
Scope: Applicable updates to the Hercules™ TMS570 MCU device family, specifically relating to the
TMS570LS31x4/21x4 devices, which are now in the production data (PD) stage of development have
been incorporated.
Changes from October 1, 2013 to May 15, 2015 (from A Revision (September 2013) to B Revision)
Page
•
Section 1 (Device Overview): Updated/Changed section title
................................................................. 1
•
Updated/Changed the N2HET feature
............................................................................................. 1
•
Section 1.3(Description): Corrected DMA description, 32 peripheral requests, not 32 control packets
................... 4
•
(Device Information): Added table
.................................................................................................. 4
•
Added Section 3, Device Comparison
............................................................................................. 9
•
Section 4 (Terminal Configuration and Functions): Updated/Changed section title
........................................ 10
•
Table 4-2 (PGE Enhanced Next Generation High-End Timer Modules (N2HET1, N2HET2)): Updated/Changed
N2HET1 time input capture or output compare pin description
............................................................... 14
•
Table 4-2: Added N2HET1_PIN_nDIS signal DESCRIPTION
................................................................ 14
•
Table 4-2: Updated/Changed N2HET2 time input capture or output compare pin description
........................... 15
•
Table 4-2: Added N2HET2_PIN_nDIS signal DESCRIPTION
................................................................ 15
•
Table 4-3: Added table note describing limits on pin 55 when configured as GIOB[2]
................................... 15
•
Table 4-12 (PGE Test and Debug Modules Interface): Updated/Changed TEST pin description
........................ 18
•
Table 4-18 (ZWT Enhanced Next Generation High-End Timer (N2HET) Modules): Updated/Changed N2HET1
time input capture or output compare pin description
.......................................................................... 22
•
Table 4-18: Added alternate terminals for N2HET1 pins 17, 19, 21, 23, 25, 27, 29 and 31
.............................. 22
•
Table 4-18: Added N2HET1_PIN_nDIS signal DESCRIPTION
............................................................... 22
•
Table 4-18: Updated/Changed N2HET2 time input capture or output compare pin description
.......................... 23
•
Table 4-18: Added N2HET2_PIN_nDIS signal DESCRIPTION
............................................................... 23
•
Table 4-19: Updated description about using GIOB[2] on ball V10
.......................................................... 24
•
Table 4-26 (External Memory Interface (EMIF)): Global: Deleted EMIF_RNW pin function.
.............................. 28
•
Table 4-32 (ZWT Test and Debug Modules Interface): Updated/Changed TEST pin description
....................... 34
•
Table 4-34: Changed six BGA balls from NC to Reserved
.................................................................... 34
•
Section 5 (Specifications): Updated/Changed section title
.................................................................... 39
•
Section 5.1 (Absolute Maximum Ratings): Reformatted table
................................................................. 39
•
Section 5.1 (Absolute Maximum Ratings): Updated/Changed VCCAD supply voltage range MAX value from "5.5"
to "6.25" V
............................................................................................................................ 39
•
Section 5.1: Updated/Changed ADC input pins input voltage range MAX value from "5.5" to "6.25" V
................. 39
•
Section 5.2 (ESD Ratings): Added table (new)
.................................................................................. 39
•
Section 5.3 (Power-On Hours (POH)): Added table (new)
.................................................................... 39
•
Table 5-1 (Clock Domain Timing Specifications): Added VCLK, VCLK2, VCLK3, VCLKA1 frequency limits
........... 41
•
Section 5.8 (Input/Output Electrical Characteristics): Updated/Changed Input Clamp Current from IIC to IIK........... 43
•
Section 5.9 (Thermal Resistance Characteristics): Moved section and updated/changed subsection title.
............ 44
•
Table 5-2 (Thermal Resistance Characteristics (PGE Package)): Added test conditions and added
ΨJT row for
PGE package
........................................................................................................................ 44
•
Table 5-3 (Thermal Resistance Characteristics (ZWT Package)): Added test conditions and added
ΨJT row for
ZWT package
........................................................................................................................ 44
•
Clarified impact of SPI2PC9 register on drive strength of SPI2SOMI pin
.................................................. 45
•
Updated/Changed the MIN value of tv(RST) to 2256tc(OSC) ns .................................................................. 54
•
Section 6.5.1: Added Quantity of Breakpoints and Watchpoints
............................................................. 55
•
Section 6.6.1 (Clock Sources): Added Table 6-8, Available Clock Source cross-references
............................. 59
•
Section 6.6.1.1 (Main Oscillator): Added Figure 6-4, Recommended Crystal/Clock Connection cross-reference
..... 59
•
Table 6-13 (Clock Domain Descriptions): Added missing "1" to the VCLKACON clock source selection register
name for VCLKA3 row
.............................................................................................................. 64
•
Section 6.9.1 (Memory Map Diagram): Added additional device-specific memory map
................................... 71
•
Table 6-20 (Device Memory Map): Corrected size of bank 7 OTP and bank 7 OTP ECC
................................ 73
•
Figure 6-12 (TCRAM Block Diagram): Updated/Changed figure, deleted A TCM
.......................................... 81
•
Table 6-25 (PBIST RAM Grouping): Added table footnotes identifying the address ranges of the ESRAM PBIST
groups
................................................................................................................................. 83
Copyright © 2012–2015, Texas Instruments Incorporated
Revision History
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com