Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PBE Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE2004PBE
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PBE Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE2004PBE Datasheet HTML 13Page - Texas Instruments TNETE2004PBE Datasheet HTML 14Page - Texas Instruments TNETE2004PBE Datasheet HTML 15Page - Texas Instruments TNETE2004PBE Datasheet HTML 16Page - Texas Instruments TNETE2004PBE Datasheet HTML 17Page - Texas Instruments TNETE2004PBE Datasheet HTML 18Page - Texas Instruments TNETE2004PBE Datasheet HTML 19Page - Texas Instruments TNETE2004PBE Datasheet HTML 20Page - Texas Instruments TNETE2004PBE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PHY generic control register – GEN_ctl at 0x0
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
R
E
S
E
T
L
O
O
P
B
A
C
K
0
A
N
E
N
A
B
L
E
P
D
O
W
N
I
S
O
L
A
T
E
A
N
R
E
S
T
A
R
T
D
U
P
L
E
X
C
O
L
T
E
S
T
RESERVED
Figure 6. PHY Generic Control Register
Table 3. PHY Generic Control Register Bit Functions
BIT
FUNCTION
DIRECTION†
DEFAULT
NO.
NAME
FUNCTION
DIRECTION†
DEFAULT
15
RESET‡
Reset a PHY. Writing a 1 RESET resets the whole device, and all registers revert to
their default values. RESET is self clearing. It is always read as 0. It is not possible
to reset one PHY separately from the others. Operation of the device is not ensured
for a duration of 50 ms after a software reset.
R/W
0
14
LOOPBACK
Internal loopback mode. LOOPBACK enables the internal loopback within the
individual PHY. When LOOPBACK is set to 1, data is wrapped internally within the
PHY and does not appear on the network. Collision detection is disabled, and data
transmitted appears at the receive pins. While in loopback mode, the device pins are
placed in noncontentious states.
R/W
Pin
13
Reserved
RO
0
12
ANENABLE
Auto-negotiation enable. When set, ANENABLE allows auto-negotiation to take
place.
R/W
Pin
11
PDOWN
Power-down mode. When set, PDOWN places the PHY in a power-down mode. In
this mode, it is not possible to receive or transmit data, although it is possible to
continue to process management-data frames. IEEE Std 802.3 states that the PHY
must be allowed 500 ms of initialization time after it is taken out of power-down state
before data transmission and reception can be started. See Note 1.
R/W
0
10
ISOLATE
PHY pin isolation. When set, the PHY electrically isolates itself from the pins. In the
ISOLATE state, the PHY does not respond to TXD or TXEN but presents a high
impedance on RXD, RXCLK, and COL. However, it still responds to MII data frames.
R/W
0
9
ANRESTART
Auto-negotiation restart. Setting ANRST causes auto-negotiation to be restarted.
R/W
0
8
DUPLEX
Full-duplex mode select. Setting DUPLEX forces this PHY into full-duplex mode.
Resetting it forces half-duplex. For DUPLEX to have any effect, the DUPLEX pin on
the package must not be driven externally.
R/W
Pin
7
COLTEST
Collision-test enable. Setting COLTEST causes this PHY to assert COL when TXEN
is asserted.
R/W
0
6–0
RESERVED
Reserved
0
† RO = read only, R/W = read/write
‡ This bit is set for the TNETE2004, not for each PHY.
NOTE 1: If all four PHYs are in power-down mode simultaneously, then reset must be used to power up the device. It is not possible to power
up an individual PHY if all four PHYs are in power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com