Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PBE Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE2004PBE
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PBE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE2004PBE Datasheet HTML 3Page - Texas Instruments TNETE2004PBE Datasheet HTML 4Page - Texas Instruments TNETE2004PBE Datasheet HTML 5Page - Texas Instruments TNETE2004PBE Datasheet HTML 6Page - Texas Instruments TNETE2004PBE Datasheet HTML 7Page - Texas Instruments TNETE2004PBE Datasheet HTML 8Page - Texas Instruments TNETE2004PBE Datasheet HTML 9Page - Texas Instruments TNETE2004PBE Datasheet HTML 10Page - Texas Instruments TNETE2004PBE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
miscellaneous interface
TERMINAL
†
NAME
NO.
TYPE†
DESCRIPTION
NAME
120
128
ATEST
44
50
A
Analog test pin. ATEST provides access to the filter of the reference PLL. When operating correctly,
ATEST presents a voltage between 1–2 V.
CMODE0
CMODE1
47
48
53
54
I
Compatibility mode. Eases compatibility with third-party media-access controllers (MACs) (see
Table 2).
DEVSEL2
DEVSEL3
DEVSEL4
95
96
98
105
106
108
I
Device select. DEVSEL2–DEVSEL4 specifies the three most-significant bits of a 5-bit number used
to address a PHY on the management-data interface. The two least-significant bits are set as 00,
01, 10, and 11 for PHY0–PHY3, respectively.
IREF
43
49
A
Current reference. Used to set a current reference for the analog circuitry. IREF must be connected
to ground by a 180
± 5-Ω resistor.
MDCLK
99
109
I
Management-data clock. MDCLK is used to clock data in and out of the MDIO port.
MDIO
100
110
I/O
Management-data I/O. MDIO is the serial management-data interface.
PWRDWN
54
60
I
Power down. When asserted, PWRDWN places all four PHYs in the lower power state.
Transmitting and receiving are inhibited in this state.
RES1
55
61
O
Reserved
RESET
15
19
I
Global reset. RESET is used to reset all four PHY sections.
XTAL1
50
56
A
Crystal oscillator pins. Connect a 20-MHz crystal across XTAL1 and GND, or drive XTAL1 from a
20-MHz crystal-oscillator module.
XTAL2
51
57
A
Connect a 27-pF capacitor across XTAL2 and XTAL1 and connect a 27-pF capacitor between XTAL2
and GND. If a crystal-oscillator module is used, do not connect anything to XTAL2.
† A = analog, I = input, O = output, I/O = 3-state input/output
JTAG interface
TERMINAL
‡
NAME
NO.
I/O‡
DESCRIPTION
NAME
120
128
TCK
36
42
I
Test clock. TCK is used to clock state information and test data into and out of the device during
operation of the JTAG.
TDI
37
43
I
Test data input. TDI is used to serially shift test data and test instructions into the device during
operation of the JTAG.
TDO
38
44
O
Test data output. TDO is used to serially shift test data and test instructions out of the device during
operation of the JTAG.
TMS
40
46
I
Test mode select. TMS controls the operating state of the JTAG.
TRST
39
45
I
Test reset. TRST is used for asynchronous reset of the JTAG controller.
‡ I = input, O = output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com