Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PBE Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETE2004PBE
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PBE Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETE2004PBE Datasheet HTML 16Page - Texas Instruments TNETE2004PBE Datasheet HTML 17Page - Texas Instruments TNETE2004PBE Datasheet HTML 18Page - Texas Instruments TNETE2004PBE Datasheet HTML 19Page - Texas Instruments TNETE2004PBE Datasheet HTML 20Page - Texas Instruments TNETE2004PBE Datasheet HTML 21Page - Texas Instruments TNETE2004PBE Datasheet HTML 22Page - Texas Instruments TNETE2004PBE Datasheet HTML 23Page - Texas Instruments TNETE2004PBE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
auto-negotiation link-partner ability register at 0x5 (continued)
Table 6. Auto-Negotiation Link-Partner Ability Register Bit Functions
BIT
FUNCTION
DIRECTION†
NO.
NAME
FUNCTION
DIRECTION†
15
LPNXTPAGE
Link-partner auto-negotiation next page. LPNXTPAGE indicates that the link partner has
another page to send.
RO
14
RESERVED
Reserved
RO
13
LPRFLT
Link-partner remote fault. LPRRFLT indicates that the link partner is reporting a fault condition.
RO
12
RESERVED
Reserved for future abilities. Read as 0.
RO
11
RESERVED
Reserved for future abilities. Read as 0.
RO
10
RESERVED
Reserved for future abilities. Read as 0.
RO
9
100BASE-T4
100Base-T4 is supported by the link partner.
RO
8
100BASE-TXFD
100Base-TX full-duplex is supported by the link partner.
RO
7
100BASE-TXHD
100Base-TX half-duplex is supported by the link partner.
RO
6
10BASE-TFD
10BASE-T full-duplex is supported by the link partner.
RO
5
10BASE-THD
10BASE-T half-duplex is supported by the link partner.
RO
4–0
LINK-PARTNER
SELECTOR
FIELD
Identifies the format of this register. The IEEE Std 802.3u base page is indicated by code
00001.
RO
† RO = read only
When PAGERX is set, this register contains a direct copy of the next page received. PAGERX is cleared on a
read from this register.
auto-negotiation expansion register – AN_exp at 0x6
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
RESERVED
P
A
R
D
E
T
F
L
T
L
P
N
P
A
B
L
E
N
P
A
B
L
E
P
A
G
E
R
X
L
P
A
N
A
B
L
E
Figure 10. Auto-Negotiation Expansion Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com