Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PBE Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETE2004PBE
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PBE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETE2004PBE Datasheet HTML 8Page - Texas Instruments TNETE2004PBE Datasheet HTML 9Page - Texas Instruments TNETE2004PBE Datasheet HTML 10Page - Texas Instruments TNETE2004PBE Datasheet HTML 11Page - Texas Instruments TNETE2004PBE Datasheet HTML 12Page - Texas Instruments TNETE2004PBE Datasheet HTML 13Page - Texas Instruments TNETE2004PBE Datasheet HTML 14Page - Texas Instruments TNETE2004PBE Datasheet HTML 15Page - Texas Instruments TNETE2004PBE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
collision/signal-quality error detection
When not in full-duplex mode, collisions are detected by sensing simultaneous activity on both the transmit and
the receive pins. A collision detection is signified by COL on the respective PHY being driven high for the
duration of the condition and for a specified time afterwards.
The TNETE2004 device also provides a signal-quality error (SQE) function. This function can be enabled or
disabled only for the whole device and not for individual PHYs. When SQE is enabled, following transmission,
a simulated collision is presented to a PHY. PHY tests as much of the collision-detect circuitry as possible
without affecting the attached twisted-pair channels. Each PHY asserts its COL output signal high for a defined
time interval relative to the last positive data edge of its transmit data input. SQE is invoked by driving SQE high
or by using the TNETE2004 registers.
jabber detection
Each PHY monitors the length of the packet being transmitted. If a single packet exceeds 20 ms, a jabber
condition is detected. The output is disabled, and CRS is driven low. The TNETE2004 device asserts COL, while
attempts are made to transmit data, and signals link-fail for the duration of the attempts. The device also asserts
COL (for half-duplex mode only) when it has detected that the transmitter has entered jabber mode. To clear
the jabber function, transmission must cease for a minimum of 500 ms.
auto-negotiation
Each PHY on the device is capable of auto-negotiation as defined in IEEE Std 802.3. When enabled, this feature
allows a PHY to negotiate with another PHY on the link to establish their highest common protocol. Until a PHY
has completed its negotiation, it cannot assert LINK.
The only two protocols possible for the TNETE2004 are half- or full-duplex 10BASE-T. When auto-negotiation
indicates that full-duplex operation is possible, a weak pullup resistor is applied to DUPLEX on the device,
allowing full-duplex operation, unless the pin is pulled low externally.
link-partner register
This register contains the information for the link partner. Refer to Table 6 for the link partner’s ability-register
bit functions.
expansion register
Refer to Table 7 for the bit definition on the expansion register.
next_page transmit
After exchanging the base page, which contains the information to make connection automatically, if both ends
of the link indicate support for the next_page function, additional data can be exchanged. This allows extensions
to the standard and proprietary extensions to exist without affecting interoperability. Refer to Figure 11 for the
next_page transmit register.
management-data interface
The TNETE2004 incorporates a management-data interface to allow register-based management operations
for each PHY module. Operation of the TNETE2004 is possible without use of the management-data interface,
since all the signals necessary for complete functionality are accessible by way of the device pins; however,
some additional features are accessible only through the management-data interface.
interrupt enable cycle
The TNETE2004 can generate interrupts via the MDIO interface after the quiescent cycle. The quiescent cycle
is the cycle following the data transfer in which neither the external MAC nor the PHYs drive MDIO. The
TNETE2004 indicates to the host that an interrupt is pending by driving MDIO low. This happens one clock cycle
after the quiescent cycle, while MDCLK is high. When MDCLK goes low, TNETE2004 stops driving MDIO so
the host can determine what caused the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com