Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3010DB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DB
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM3010DB Datasheet HTML 12Page - Texas Instruments PCM3010DB Datasheet HTML 13Page - Texas Instruments PCM3010DB Datasheet HTML 14Page - Texas Instruments PCM3010DB Datasheet HTML 15Page - Texas Instruments PCM3010DB Datasheet HTML 16Page - Texas Instruments PCM3010DB Datasheet HTML 17Page - Texas Instruments PCM3010DB Datasheet HTML 18Page - Texas Instruments PCM3010DB Datasheet HTML 19Page - Texas Instruments PCM3010DB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
16
www.ti.com
–45
–40
–35
–30
–105
–100
–95
–90
16
32
48
64
80
96
112
fS – Sampling Frequency – kHz
TOTAL HARMONIC DISTORTION + NOISE
vs
SAMPLING FREQUENCY
–60 dB
0 dB
Figure 30
95
100
105
110
16
32
48
64
80
96
112
fS – Sampling Frequency – kHz
DYNAMIC RANGE and SNR
vs
SAMPLING FREQUENCY
SNR
Dynamic Range
Figure 31
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 44.1 kHz, SCKI = 384 fS, 24-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com