Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3010DB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DB
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DB Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM3010DB Datasheet HTML 22Page - Texas Instruments PCM3010DB Datasheet HTML 23Page - Texas Instruments PCM3010DB Datasheet HTML 24Page - Texas Instruments PCM3010DB Datasheet HTML 25Page - Texas Instruments PCM3010DB Datasheet HTML 26Page - Texas Instruments PCM3010DB Datasheet HTML 27Page - Texas Instruments PCM3010DB Datasheet HTML 28Page - Texas Instruments PCM3010DB Datasheet HTML 29Page - Texas Instruments PCM3010DB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
26
www.ti.com
PCM audio interface (continued)
BCK
LRCK
DIN
tBCH
tBCL
tLRP
tLB
tBCY
1.4 V
1.4 V
1.4 V
tBL
DOUT
tCKDO
tLRDO
0.5 VDD
tDIS
tDIH
PARAMETER
MIN
MAX
UNIT
tBCY
BCK pulse cycle time
80
ns
tBCH
BCK pulse duration, HIGH
35
ns
tBCL
BCK pulse duration, LOW
35
ns
tBL
BCK rising edge to LRCK edge
10
ns
tLB
LRCK edge to BCK rising edge
10
ns
tLRP
LRCK pulse duration
2.1
µs
tDIS
DIN setup time
10
ns
tDIH
DIN hold time
10
ns
tCKDO
DOUT delay time from BCK falling edge
20
ns
tLRDO
DOUT delay time from LRCK edge
20
ns
tR
Rising time of all signals
10
ns
tF
Falling time of all signals
10
ns
Figure 49. Audio Data Input/Output Timing
synchronization with digital audio system
The PCM3010 operates with LRCK and BCK synchronized to the system clock. The PCM3010 does not need
a specific phase relationship between LRCK, BCK and the system clock, but does require the synchronization
of LRCK, BCK, and the system clock.
If the relationship between system clock and LRCK changes more than
±6 BCKs during one sample period due
to LRCK jitter, etc., internal operation of DAC halts within 6/fS, and the analog output is forced to 0.5 VCC2 until
resynchronization between the system clock, LRCK, and BCK is completed and then tDACDLY2 elapses.
Internal operation of the ADC also halts within 6/fS, and the digital output is forced to a ZERO code until
resynchronization between the system clock, LRCK, and BCK is completed, and then tADCDLY2 elapses.
In the case of changes less than
±5 BCKs, resynchronization does not occur and the previously described
discontinuity in analog/digital output control does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com