Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3010DB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DB
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DB Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM3010DB Datasheet HTML 23Page - Texas Instruments PCM3010DB Datasheet HTML 24Page - Texas Instruments PCM3010DB Datasheet HTML 25Page - Texas Instruments PCM3010DB Datasheet HTML 26Page - Texas Instruments PCM3010DB Datasheet HTML 27Page - Texas Instruments PCM3010DB Datasheet HTML 28Page - Texas Instruments PCM3010DB Datasheet HTML 29Page - Texas Instruments PCM3010DB Datasheet HTML 30Page - Texas Instruments PCM3010DB Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
27
www.ti.com
synchronization with digital audio system (continued)
Figure 50 illustrates the DAC analog output and ADC digital output for loss of synchronization.
During undefined data, some noise may be generated in the audio signal. Also, the transition from normal to
undefined data and from undefined or zero data to normal creates a data discontinuity on the analog and digital
outputs, which may generate some noise in the audio signal.
Within 6/fS
tDACDLY2
32/fS
NORMAL DATA
UNDEFINED
DATA
NORMAL DATA
SYNCHRONOUS
ASYNCHRONOUS
SYNCHRONOUS
DAC VOUT
State of Synchronization
NORMAL DATA
ZERO DATA
UNDEFINED
DATA
NORMAL DATA
ADC DOUT
VCOM (0.5 VCC2)
tADCDLY2
32/fS
Figure 50. DAC Output and ADC Output for Lost of Synchronization
de-emphasis control
DEMP1, DEMP0: De-emphasis control pins select the de-emphasis mode of the DACs as shown below.
DEMP1
DEMP0
DESCRIPTION
LOW
LOW
De-emphasis 44.1 kHz ON
LOW
HIGH
De-emphasis OFF
HIGH
LOW
De-emphasis 48 kHz ON
HIGH
HIGH
De-emphasis 32 kHz ON
test control
TEST: The TEST pin is used for device testing; it must be connected to DGND for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com