Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3010DB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DB
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DB Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM3010DB Datasheet HTML 15Page - Texas Instruments PCM3010DB Datasheet HTML 16Page - Texas Instruments PCM3010DB Datasheet HTML 17Page - Texas Instruments PCM3010DB Datasheet HTML 18Page - Texas Instruments PCM3010DB Datasheet HTML 19Page - Texas Instruments PCM3010DB Datasheet HTML 20Page - Texas Instruments PCM3010DB Datasheet HTML 21Page - Texas Instruments PCM3010DB Datasheet HTML 22Page - Texas Instruments PCM3010DB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
19
www.ti.com
THEORY OF OPERATION
ADC portion
The ADC block consists of a reference circuit, two single-ended to differential converter channels, a fifth-order
delta-sigma modulator with full-differential architecture, a decimation filter with low-cut filter, and a serial
interface circuit which is also used as a serial interface for the DAC input signal as shown in the block diagram,
Figure 1.
The analog front-end diagram illustrates the architecture of the single-ended to differential converter and
antialiasing filter. Figure 40 illustrates the block diagram of the fifth-order delta-sigma modulator and transfer
function.
An on-chip reference circuit with two external capacitors provides all the reference voltages which are needed
in the ADC portion, and defines the full-scale voltage range of both channels.
An on-chip single-ended to differential signal converter saves the design, space, and extra parts cost of an
external signal converter.
Full-differential architecture provides a wide dynamic range and excellent power supply rejection performance.
The input signal is sampled at a
×64 oversampling rate, and an on-chip antialiasing filter eliminates the external
sample-hold amplifier. A fifth-order delta-sigma noise shaper, which consists of five integrators using a switched
capacitor technique followed by a comparator, shapes the quantization noise generated by the comparator and
1-bit DAC outside the audio signal band.
The high order delta-sigma modulation randomizes the modulator outputs and reduces the idle tone level.
The 64-fS, 1-bit stream from the delta-sigma modulator is converted to a 1-fS, 24-bit or 16-bit digital signal by
removing the high-frequency noise components with a decimation filter.
The dc component of the signal is removed by the HPF, and the HPF output is converted to a time-multiplexed
serial signal through the serial interface, which provides flexible serial formats.
1st
SW-CAP
Integrator
Analog
In
X(z)
+
–
+
–
2nd
SW-CAP
Integrator
3rd
SW-CAP
Integrator
+
–
4th
SW-CAP
Integrator
+
+
+
+
+
+
+
+
5th
SW-CAP
Integrator
Digital
Out
Y(z)
Comparator
Qn(z)
H(z)
1-Bit
DAC
STF(z) = H(z) / [1 + H(z)]
NTF(z) = 1 / [1 + H(z)]
Y(z) = STF(z) * X(z) + NTF(z) * Qn(z)
Signal Transfer Function
Noise Transfer Function
Figure 40. Block Diagram of Fifth-Order Delta-Sigma Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com