Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 2Page - Texas Instruments ISO7340C Datasheet HTML 3Page - Texas Instruments ISO7340C Datasheet HTML 4Page - Texas Instruments ISO7340C Datasheet HTML 5Page - Texas Instruments ISO7340C Datasheet HTML 6Page - Texas Instruments ISO7340C Datasheet HTML 7Page - Texas Instruments ISO7340C Datasheet HTML 8Page - Texas Instruments ISO7340C Datasheet HTML 9Page - Texas Instruments ISO7340C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
OUTC
OUTA
INC
OUTB
IND
EN2
EN1
GND1
GND1
V
CC1
OUTD
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
EN1
INA
GND1
INB
INC
OUTD
GND1
V
CC1
GND2
GND2
OUTA
OUTC
OUTB
EN2
IND
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
INA
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
IND
OUTD
GND1
V
CC1
V
CC2
6
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
DW Package
16-Pin SOIC
ISO7340x Top View
DW Package
16-Pin SOIC
ISO7341x Top View
DW Package
16-Pin SOIC
ISO7342x Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ISO7340x
ISO7341x
ISO7342x
EN
10
—
—
I
Output enable. All output pins are enabled when EN is high or
disconnected and disabled when EN is low.
EN1
—
7
7
I
Output enable 1. Output pins on side-1 are enabled when EN1 is
high or disconnected and disabled when EN1 is low.
EN2
—
10
10
I
Output enable 2. Output pins on side-2 are enabled when EN2 is
high or disconnected and disabled when EN2 is low.
GND1
2
2
2
—
Ground connection for VCC1
8
8
8
GND2
9
9
9
—
Ground connection for VCC2
15
15
15
INA
3
3
3
I
Input, channel A
INB
4
4
4
I
Input, channel B
INC
5
5
12
I
Input, channel C
IND
6
11
11
I
Input, channel D
NC
7
—
—
—
No connect pins are floating with no internal connection
OUTA
14
14
14
O
Output, channel A
OUTB
13
13
13
O
Output, channel B
OUTC
12
12
5
O
Output, channel C
OUTD
11
6
6
O
Output, channel D
VCC1
1
1
1
—
Power supply, VCC1
VCC2
16
16
16
—
Power supply, VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com