Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 9Page - Texas Instruments ISO7340C Datasheet HTML 10Page - Texas Instruments ISO7340C Datasheet HTML 11Page - Texas Instruments ISO7340C Datasheet HTML 12Page - Texas Instruments ISO7340C Datasheet HTML 13Page - Texas Instruments ISO7340C Datasheet HTML 14Page - Texas Instruments ISO7340C Datasheet HTML 15Page - Texas Instruments ISO7340C Datasheet HTML 16Page - Texas Instruments ISO7340C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate should be
≤ 43 Kbps.
7.13 Switching Characteristics—5-V Supply
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 14
20
31
58
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
4
ns
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction Channels
2.5
ns
Opposite-direction Channels
17
ns
tsk(pp)
(3)
Part-to-part skew time
23
ns
tr
Output signal rise time
See Figure 14
2.1
ns
tf
Output signal fall time
1.7
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 15
7
13
ns
tPLZ
Disable propagation delay, low-to-high impedance output
7
13
ns
tPZH
Enable propagation delay, high
impedance-to-high output
ISO734xC
7
13
ns
ISO734xFC
15000
23000(4)
tPZL
Enable propagation delay, high
impedance-to-low output
ISO734xC
15000
23000(4)
ns
ISO734xFC
7
13
tfs
Fail-safe output delay time from input power loss
See Figure 16
9.4
μs
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
(4)
The enable signal rate should be
≤ 45 Kbps.
7.14 Switching Characteristics—3.3-V Supply
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 14
22
35
66
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
2.5
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction Channels
3
Opposite-direction Channels
16
tsk(pp)
(3)
Part-to-part skew time
28
tr
Output signal rise time
See Figure 14
2.8
ns
tf
Output signal fall time
2.1
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 15
9
18
ns
tPLZ
Disable propagation delay, low-to-high impedance output
9
18
tPZH
Enable propagation delay, high impedance-
to-high output
ISO734xC
9
18
ISO734xFC
16000
24000(4)
tPZL
Enable propagation delay, high impedance-
to-low output
ISO734xC
16000
24000(4)
ISO734xFC
9
18
tfs
Fail-safe output delay time from input power loss
See Figure 16
9.4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com