Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 8Page - Texas Instruments ISO7340C Datasheet HTML 9Page - Texas Instruments ISO7340C Datasheet HTML 10Page - Texas Instruments ISO7340C Datasheet HTML 11Page - Texas Instruments ISO7340C Datasheet HTML 12Page - Texas Instruments ISO7340C Datasheet HTML 13Page - Texas Instruments ISO7340C Datasheet HTML 14Page - Texas Instruments ISO7340C Datasheet HTML 15Page - Texas Instruments ISO7340C Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured.
7.11 Electrical Characteristics—3.3-V Supply
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 14
VCCO
(1) – 0.5
3
V
IOH = –20 μA; see Figure 14
VCCO
(1) – 0.1
3.3
VOL
Low-level output voltage
IOL = 4 mA; see Figure 14
0.2
0.4
V
IOL = 20 μA; see Figure 14
0
0.1
VI(HYS)
Input threshold voltage
hysteresis
450
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCC or 0 V; see Figure 17
25
50
kV/μs
7.12 Supply Current Characteristics—3.3-V Supply
All inputs switching with square wave clock signal for dynamic ICC measurement. VCC1 and VCC2 at 3.3 V ± 10% (over
recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7340x
Supply current
EN = 0 V
Disable
ICC1
0.4
0.7
mA
ICC2
0.3
0.6
DC Signal: VI = VCC or 0 V,
AC Signal: All channels switching with
square wave clock input; CL = 15 pF
DC to 1 Mbps
ICC1
0.4
0.7
ICC2
2.3
3.6
10 Mbps
ICC1
0.9
1.3
ICC2
3.9
5.1
25 Mbps
ICC1
1.6
2.4
ICC2
6.3
8
ISO7341x
Supply current
EN1 = EN2 = 0 V
Disable
ICC1
0.6
1
mA
ICC2
0.5
0.8
DC Signal: VI = VCC or 0 V,
AC Signal: All channels switching with
square wave clock input; CL = 15 pF
DC to 1 Mbps
ICC1
1.4
2.3
ICC2
2.2
3.2
10 Mbps
ICC1
2.2
3
ICC2
3.4
4.5
25 Mbps
ICC1
3.3
4.7
ICC2
5.2
7.2
ISO7342x
Supply current
EN1 = EN2 = 0 V
Disable
ICC1, ICC2
0.5
0.9
mA
DC Signal: VI = VCC or 0 V,
AC Signal: All channels switching with
square wave clock input; CL = 15 pF
DC to 1 Mbps
ICC1, ICC2
1.8
2.8
10 Mbps
ICC1, ICC2
2.8
4
25 Mbps
ICC1, ICC2
4.3
5.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com