Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 6Page - Texas Instruments ISO7340C Datasheet HTML 7Page - Texas Instruments ISO7340C Datasheet HTML 8Page - Texas Instruments ISO7340C Datasheet HTML 9Page - Texas Instruments ISO7340C Datasheet HTML 10Page - Texas Instruments ISO7340C Datasheet HTML 11Page - Texas Instruments ISO7340C Datasheet HTML 12Page - Texas Instruments ISO7340C Datasheet HTML 13Page - Texas Instruments ISO7340C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Production tested
≥ 3600 VRMS for 1 second in accordance with UL 1577.
7.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-12 and DIN EN 61010-
1 (VDE 0411-1):2011-07
Approved under CSA Component
Acceptance Notice 5A, IEC 60950-1, and
IEC 61010-1
Recognized under UL 1577
Component Recognition
Program
Certified according to
GB4943.1-2011
Basic Insulation;
Maximum Transient Overvoltage, 4242 VPK;
Maximum Surge Isolation Voltage, 6000 VPK;
Maximum Repetitive Peak Isolation Voltage,
1414 VPK
800 VRMS Basic Insulation and 400 VRMS
Reinforced Insulation working voltage per
CSA 60950-1-07+A1+A2 and IEC 60950-1
2nd Ed.+A1+A2;
300 VRMS Basic Insulation working voltage
per CSA 61010-1-12 and IEC 61010-1 3rd
Ed.
Single protection, 3000 VRMS
(1)
Reinforced Insulation, Altitude
≤
5000 m, Tropical Climate, 250
VRMS maximum working voltage
Certificate number: 40016131
Master contract number: 220991
File number: E181974
Certificate number:
CQC15001121716
7.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current
RθJA = 78.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see Figure 1
290
mA
RθJA = 78.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see Figure 1
443
TS
Safety temperature
150
The safety-limiting constraint is the maximum junction temperature specified in the data sheet. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com