Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730A/KG/QP2S Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/QP2S
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/QP2S Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SP5730A/KG/QP2S Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
SP5730 Datasheet
Write mode
With reference to Table 3, bytes 2 and 3 contain frequency
information bits 214-20 inclusive. Bytes 4 and 5 control
the reference divider ratio (see Table 2), charge pump
setting (see Table 7), REF/COMP output (see Table 8),
output ports and test modes (see Table 6).
After reception and acknowledgement of a correct
address (byte 1), the first bit of the following byte
determines whether the byte is interpreted as a byte 2 or
4, a logic ‘0’ indicating byte 2, and a logic ‘1’ indicating
byte 4. Having interpreted this byte as either byte 2 or 4,
the following data byte will be interpreted as byte 3 or 5
respectively. Having received two complete data bytes,
additional data bytes can be entered, where byte
interpretation follows the same procedure, without re-
addressing the device. This procedure continues until a
STOP condition is received. The STOP condition can be
generated after any data byte; if, however, it occurs during
a byte transmission, the previous byte data is retained.
To facilitate smooth fine tuning, the frequency data bytes
are only accepted by the device after all 15 bits of
frequency data have been received, or after the generation
of a STOP condition.
Read mode
When the device is in read mode, the status byte read
from the device takes the form shown in Table 4.
Bit 1 (POR) is the power-on reset indicator, and this is set
to a logic ‘1’ if the VCC supply to the device has dropped
below 3V (at 25
°C ), e.g. when the device is initially turned
on. The POR is reset to ‘0’ when the read sequence is
terminated by a STOP command. When POR is set high
this indicates the programmed information may be
corrupted and the device reset to power up condition.
Bit 2 (FL) indicates whether the device is phase locked, a
logic’1’is present if the device is locked, and a logic ‘0’ if it
is not.
Programable features
• RF programmable divider Function as described
above.
• Reference programmable divider Function as
described above.
• Charge pump current The charge pump current can
be programmed by bits C1 and C0 within data byte 5,
as defined in Table 7.
• Test mode The test modes are invoked by setting bits
RE, RS, T1 and T0 as described in Table 6.
• Reference/Comparison frequency output The
reference frequency fREF or comparison frequency
fCOMP can be switched to the REF/COMP output,
function as defined in Table 8. RE and RS default to
logic’1’during device power up, thus enabling the
comparison frequency fCOMP at the REF/COMP output.
Table 2 - Reference division ratios
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
R3
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
R2
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
R1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
R0
Division ratio
2
4
8
16
32
64
128
256
Illegal state
5
10
20
40
80
160
320
Illegal state
6
12
24
48
96
192
384
Illegal state
7
14
28
56
112
224
448
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com