Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730A/KG/QP2S Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/QP2S
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/QP2S Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SP5730A/KG/QP2S Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SP5730 Datasheet
100MHz to 1·3GHz, see Figure 3
50MHz to 100MHz, see Figure 3
See Figure 4
5V I2C logic selected
3·3V I2C logic selected
5V I2C logic selected
3·3V I2C logic selected
Input voltage = VCC
Input voltage = VEE
VCC = VEE
ISINK = 3mA
ISINK = 6mA
See Table 7, VPIN1 = 2V
VPIN1 = 2V, VCC = 15·0V, TAMB = 25°C
VPIN16 = 0·7V
See Figure 5 for application
Sinewave coupled via 10nF blocking capacitor
Sinewave coupled via 10nF blocking capacitor
AC coupled, see Note 2
0·5 to 20MHz
Enabled by bit RE = 1
fCOMP = 2MHz, SSB, See Note 4
fCOMP = 125kHz, SSB, See Note 4
See Table 2
Supply current
RF input
Input voltage
Input impedance
SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Leakage current
Input hysteresis
SDA output voltage
SCL clock rate
Charge pump
Output current
Output leakage
Drive output current
Crystal
Frequency
External reference
Input frequency
Drive level
Buffered REF/COMP
Output amplitude
Output impedance
Phase Detector
Comparison frequency
Equivalent phase noise at
phase detector
RF division ratio
Reference division ratio
Table 1 - Electrical Characteristics
Test Conditions: TAMB = -40°C to +85°C, VCC = 4·5V to 5·5V. These characteristics are guaranteed by either
production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
MP16
SP
5730
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CHARGE PUMP
CRYSTAL CAP
CRYSTAL
SDA
SCL
PORT P3/LOGLEV
PORT P2
PORT P1
DRIVE
VEE
RF INPUT
RFINPUT
VCC
REF/COMP
ADDRESS
PORTP0
QP16
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SP
5730
CHARGE PUMP
CRYSTAL CAP
CRYSTAL
SDA
SCL
PORT P3/LOGLEV
PORT P2
PORT P1
DRIVE
VEE
RF INPUT
RFINPUT
VCC
REF/COMP
ADDRESS
PORTP0
Figure 2 - Pin connections - top view
Characteristic
Conditions
Max.
Min.
Value
Typ.
Units
Pin
22
300
300
5·5
3·5
1·5
1
10
-10
10
0·4
0·6
400
±10
20
20
0·5
32767
12
13,14
4,5
4
5
1
1
16
2,3
3
11
12·5
40
3
2·3
0
0
0·4
0·5
2
2
0·2
56
16
±3
0.35
250
4
mA
mVrms
mVrms
V
V
V
V
µA
µA
µA
V
V
V
kHz
nA
mA
MHz
MHz
Vp-p
Vp-p
Ω
MHz
dBc/Hz
dBc/Hz
cont…
-152
-158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com