Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730A/KG/QP2S Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/QP2S
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/QP2S Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  SP5730A/KG/QP2S Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The SP5730 is a single chip frequency synthesiser
designed for tuning systems up to 1·3GHz and is
optimised for digital terrestrial applications. The RF
preamplifier interfaces direct with the RF programmable
divider, which is of MN1A construction so giving a step
size equal to the loop comparison frequency and no
Features
• Complete 1·3 GHz Single Chip System for Digital
Terrestrial Television Applications
• Selectable Reference Division Ratio, Compatible with
DTT Requirements
• Optimised for Low Phase Noise, with Comparison
Frequencies up to 4 MHz
• No RF Prescaler
• Selectable Reference/Comparison Frequency Output
• Four Selectable I2C Addresses
•I2C Fast Mode Compliant with 3·3V and 5V Logic
Levels
• Four Switching Ports
• Functional Replacement for SP5659 (except ADC)
• Pin Compatible with SP5655
• Power Consumption 120mW with VCC = 5·5V, all Ports off
• ESD Protection 2kV min., MIL-STD-883B Method 3015
Cat.1 (Normal ESD handling procedures should be
observed)
Applications
• Digital Satellite, Cable and Terrestrial Tuning Systems
• Communications Systems
prescaler phase noise degradation over the full RF
operating range. The comparison frequency is obtained
either from an on-chip crystal controlled oscillator, or from
an external source. The oscillator frequency, fREF, or phase
comparator frequency, fCOMP, can be switched to the REF/
COMP output providing a reference for a second
frequency synthesiser. The synthesiser is controlled via
an 12C bus and is fast mode compliant. It can be hard
wired to respond to one of four addresses to enable two
or more synthesisers to be used on a common bus. The
device contains four switching ports P0 - P3.
SP5730
1.3 GHz Low Phase Noise Frequency Synthesiser
Data Sheet
November 2004
Figure 1 - SP5730 block diagram
4-BIT LATCH AND
PORT INTERFACE
48/9
3-BIT
COUNT
12-BIT
COUNT
15-BIT LATCH
REFERENCE
DIVIDER
REF/COMP
CRYSTAL CAP
CRYSTAL
CHARGE PUMP
DRIVE
I2C BUS
TRANSCEIVER
ADDRESS
SDA
SCL
RF
INPUT
P3
11
2
3
1
16
6
13
14
10
4
5
PUMP
2 BIT
5 BIT
2 BIT
2 BIT
78
9
P2
P1
P0
CP MODE
LOCK
fPD/2
fPD/2 SELECT
ENABLE/
SELECT
DISABLE
Absolute Maximum Ratings
All voltages are referred to VEE = 0V
Supply voltage, VCC
RF differential input voltage
All I/O port DC offsets
SDA and SCL DC offset
Storage temperature
Junction temperature
QP16 thermal resistance
Chip to ambient,
θ
JA
Chip to case,
θ
JC
-0·3V to +7V
2·5Vp-p
-0·3 to VCC +0·3V
-0·3 to 6V
-55
°C to +150°C
+150
°C
80
°C/W
20
°C/W
Ordering Information
SP5730A/KG/QP1T
16 Pin QSOP
Tape & Reel
SP5730A/KG/QP1S
16 Pin QSOP
Tubes
SP5730A/KG/MP1S
16 Pin SOIC
Tubes
SP5730A/KG/MP2S
16 Pin SOIC*
Tubes
SP5730A/KG/QP2T
16 Pin QSOP* Tape & Reel
SP5730A/KG/MP1T
16 Pin SOIC
Tape & Reel
SP5730A/KG/MP2T
16 Pin SOIC*
Tape & Reel
SP5730A/KG/QP2S
16 Pin QSOP* Tubes
*Pb Free Matte Tin
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2001-2004, Zarlink Semiconductor Inc. All Rights Reserved.


Similar Part No. - SP5730A/KG/QP2S

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5730A MITEL-SP5730A Datasheet
372Kb / 14P
1.3GHz Low Phase Noise Frequency Synthesiser
More results

Similar Description - SP5730A/KG/QP2S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
logo
Mitel Networks Corporat...
SP5070 MITEL-SP5070 Datasheet
179Kb / 7P
2.GHz Fixed Modulus Frequency Synthesiser
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
1.3GHz Low Phase Noise Frequency Synthesiser
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
logo
Hittite Microwave Corpo...
HMC403S8G HITTITE-HMC403S8G_03 Datasheet
258Kb / 8P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC403S8G HITTITE-HMC403S8G_10 Datasheet
182Kb / 8P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com