Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730A/KG/QP2S Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/QP2S
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/QP2S Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SP5730A/KG/QP2S Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5730A/KG/QP2S Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SP5730 Datasheet
Figure 3 - Typical RF input sensitivity
39p
18p
SP5730
2
3
Figure 5 - Crystal oscillator application
j2
j1
j0.5
j0.2
0
2j0.2
2j0.5
2j1
2j2
1
0.5
0.2
j5
2j5
2
5
50MHz
500MHz
1·3GHz
1GHz
Figure 4 - RF input impedance
S11: ZO = 50Ω
Normalised to 50
Ω
50
500
1000
300
12.5
100
1300
40
25
FREQUENCY (MHz)
OPERATING WINDOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com