Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8913 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8913
Description  Sound Up-Conversion Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8913 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8913 Datasheet HTML 1Page - National Semiconductor (TI) DS8913 Datasheet HTML 2Page - National Semiconductor (TI) DS8913 Datasheet HTML 3Page - National Semiconductor (TI) DS8913 Datasheet HTML 4Page - National Semiconductor (TI) DS8913 Datasheet HTML 5Page - National Semiconductor (TI) DS8913 Datasheet HTML 6Page - National Semiconductor (TI) DS8913 Datasheet HTML 7Page - National Semiconductor (TI) DS8913 Datasheet HTML 8Page - National Semiconductor (TI) DS8913 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Reference Tables
TABLE I
Bit 15
Premix Modulus
0
d
1
1
d
10
TABLE II
Bit
Reference
Tuning Resolution
16
17
Frequency
d
1 Premix
d
10 Premix
0
0
10 kHz
10 kHz
1 kHz
0
1
125 kHz
125 kHz
125 kHz
1
0
25 kHz
25 kHz
25 kHz
1
1
100 kHz
100 kHz
10 kHz
TABLE III
Bit 18
Mode
0
Normal Operation
1
Production Test
Mode Only
The user should always load Bit 18 low
TABLE IV
Bit 19
Timer
0
Bit 24 Status
1
Bit 24 for 300 ms
TIMER OPERATION
The timer function is provided for use as a retriggerable
‘‘one shot’’ to enable muting for approximately 300 millisec-
onds after station changes The timer is enabled at bit 24’s
output if the normal operating mode is selected (shift regis-
ter bits 20 and 21 e ‘‘LOW’’) and shift register bit 19 data is
latched as a ‘‘HI’’ The timer’s output state will invert imme-
diately upon latching bit 19 ‘‘HI’’ and remain inverted for
approximately 300 milliseconds If the user readdresses the
device with bit 19 data ‘‘LOW’’ before the timer finishes its
cycle the timer’s BIT 24 output will finish out the 300 ms
pulse Readdressing the device with bit 19 ‘‘HI’’ before the
timer finishes its cycle will extend the BIT 24 output pulse
width by 300 ms Addressing should be performed immedi-
ately after the 50 Hz output transitions ‘‘HI’’ BIT 24’s output
state is not guaranteed during the first 300 ms after VCC1
power up as a result of a timer reset in progress
TABLE V
Bit
FUNCTION OF
20
21
PINS 3 4
5
0
0
Status of Bits 22-24
0
1
Test mode 1
1
0
Test mode 2
1
1
Test mode 3
TEST MODE OPERATION
Test Mode 1
Enables the BIT output pins to edge trigger
the phase comparator inputs and monitor an internal lock
detector BIT 22 negative edge triggers the reference divid-
er input of the phase comparator if the reference divider
state is low BIT 23 provides the open collector ORing of the
phase comparator’s pump up and down outputs BIT 24
negative edge triggers the N counter input of the phase
comparator if the N counter state is preconditioned low
Test Mode 2
Enables the BIT outputs to clock the pro-
grammable N counter monitor its output and force either its
load or count condition BIT 22 provides the N counter out-
put which negative edge triggers the phase comparator and
which appears low one N counter clock pulse before it re-
loads BIT 23 positive edge triggers the N counter’s clock
input if the prescaler’s output is preconditioned HI BIT 24
clears the N counter output so that loading will occur on the
next N counter clock edge
Test Mode 3
Enables the BIT outputs to clock the 50 Hz
and 10 kHz reference dividers and monitor the reference
divider input to the phase comparator BIT 22 positive edge
clocks the 10 kHz reference divider chain if the 10 kHz out-
put is preconditioned HI BIT 23 positive edge clocks the 50
Hz divider chain BIT 24 is the reference divider negative
edge trigger input to the phase comparator
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com