Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8913 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8913
Description  Sound Up-Conversion Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8913 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8913 Datasheet HTML 1Page - National Semiconductor (TI) DS8913 Datasheet HTML 2Page - National Semiconductor (TI) DS8913 Datasheet HTML 3Page - National Semiconductor (TI) DS8913 Datasheet HTML 4Page - National Semiconductor (TI) DS8913 Datasheet HTML 5Page - National Semiconductor (TI) DS8913 Datasheet HTML 6Page - National Semiconductor (TI) DS8913 Datasheet HTML 7Page - National Semiconductor (TI) DS8913 Datasheet HTML 8Page - National Semiconductor (TI) DS8913 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF7398
April 1990
DS8911DS8913 AMFMTV Sound
Up-Conversion Frequency Synthesizer
General Description
The DS8911 is a digital Phase-Locked Loop (PLL) frequen-
cy synthesizer intended for use as a Local Oscillator (LO) in
electronically tuned radios The device is used in conjunc-
tion with a serial data controller a loop filter some varactor
diodes and several passive elements to provide the local
oscillator function for both AM and FM tuning
The conventional superheterodyne AM receiver utilizes a
low IF or down conversion tuning approach whereby the IF
is chosen to be below the frequencies to be received The
DS8911 PLL on the other hand utilizes an up-conversion
technique in the AM mode whereby the first IF frequency is
chosen to be well above the RF frequency range to be
tuned This approach eliminates the need for tuned circuits
in the AM frontend since the image half IF and other spuri-
ous responses occur far beyond the range of frequencies to
be tuned Sufficient selectivity and second IF image protec-
tion is provided by a crystal filter at the output of the first
mixer
A significant cost savings can be realized utilizing this up-
conversion approach to tuning Removal of the AM tuned
circuits eliminates the cost of expensive matched varactor
diodes and reduces the amount of labor required for align-
ment down from 6 adjustments to 2 Additional cost savings
are realized because up-conversion enables both the AM
and FM bands to be tuned using a single Voltage Controlled
Oscillator (VCO) operating between 98 and 120 MHz (The
2 to 1 LO tuning range found in conventional AM down con-
version radios is reduced to a 10% tuning range 994 MHz
to 1102 MHz)
Up-conversion AM tuning is accomplished by first dividing
the VCO signal down by a modulus 10 to obtain the LO
signal This LO in turn is mixed on chip with the RF signal to
obtain a first IF at the MIXER output pins This first IF after
crystal filtering is mixed (externally) with a reference fre-
quency provided by the PLL to obtain a 450 kHz second IF
frequency The DS8911 derives the 450 kHz second IF by
mixing an 1155 MHz first IF with a 1200 MHz reference
frequency
FM and WB (weather band) tuning is done using the con-
ventional down conversion approach Here the VCO signal
is buffered to produce the LO signal and then mixed on chip
with the RF signal to obtain an IF frequency at the MIXER
output pins This IF frequency is typically chosen to be 107
MHz although placement at 1150 MHz can further enhance
AM mode performance and minimize IF circuitry
The PLL provides phase comparator reference frequencies
of 10 125 25 and 100 kHz The tuning resolutions result-
ing from these reference frequencies are determined by di-
viding the reference by the premix modulus Table II shows
the tuning resolutions possible
The DS8911 contains the following logic elements a volt-
age controlled oscillator a reference oscillator a 14-bit pro-
grammable dual-modulus counter a reference frequency di-
vider chain a premix divider a mixer a phase comparator a
charge pump an operational amplifier and control circuitry
for latched serial data entry
The DS8913 includes all the above logic elements except
that it requires a 10 MHz reference frequency instead of
12 MHz
Features
Y
Direct synthesis of LW MW SW FM and WB
frequencies
Y
Serial data entry for simplified processor control
Y
10 125 25 and 100 kHz reference frequencies
Y
8 possible tuning resolutions (see Table II)
Y
An op amp with high impedance inputs for loop filtering
Y
Programmable mixer with high dynamic range
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8913

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
DS8906N NSC-DS8906N Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
DS8907N NSC-DS8907N Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
Texas Instruments
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
More results

Similar Description - DS8913

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
Frequency synthesizer
January 1995
logo
NIHON DEMPA KOGYO
S510M804MB NDK-S510M804MB Datasheet
86Kb / 1P
Frequency Synthesizer
logo
Spectrum Microwave, Inc...
444034 SPECTRUM-444034 Datasheet
54Kb / 1P
FREQUENCY SYNTHESIZER
logo
Shoulder Electronics Li...
HDM9150 SHOULDER-HDM9150 Datasheet
188Kb / 6P
Frequency Synthesizer
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
logo
Ohmite Mfg. Co.
RES-TAH OHMITE-RES-TAH Datasheet
326Kb / 2P
Frequency Conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com