Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8913 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8913
Description  Sound Up-Conversion Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8913 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS8913 Datasheet HTML 1Page - National Semiconductor (TI) DS8913 Datasheet HTML 2Page - National Semiconductor (TI) DS8913 Datasheet HTML 3Page - National Semiconductor (TI) DS8913 Datasheet HTML 4Page - National Semiconductor (TI) DS8913 Datasheet HTML 5Page - National Semiconductor (TI) DS8913 Datasheet HTML 6Page - National Semiconductor (TI) DS8913 Datasheet HTML 7Page - National Semiconductor (TI) DS8913 Datasheet HTML 8Page - National Semiconductor (TI) DS8913 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tr
20% – 80% Rise Time
200
ns
tf
80% – 20% Fall Time
200
ns
DATASU
Data Setup Time
100
ns
DATAH
Data Hold Time
VCC1 e 45V to 55V
100
ns
ENSU
Enable Setup Time
100
ns
ENH
Enable Hold Time
100
ns
ENPWa
Enable Positive Pulse Width
200
ns
CLKPWa
Clock Positive Pulse Width
200
ns
CLKPWb
Clock Negative Pulse Width
200
ns
VCO fmax
VCO Max Frequency
See Typical Wiring Diagram
20
225
MHz
OSC fmax
Reference Oscillator
VCCM e 35V
12
MHz
Max Frequency
Timing Diagram
TLF7398 – 10
MICROWIRETM Bus Format
TLF7398 – 19
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com