Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8913 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8913
Description  Sound Up-Conversion Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8913 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS8913 Datasheet HTML 1Page - National Semiconductor (TI) DS8913 Datasheet HTML 2Page - National Semiconductor (TI) DS8913 Datasheet HTML 3Page - National Semiconductor (TI) DS8913 Datasheet HTML 4Page - National Semiconductor (TI) DS8913 Datasheet HTML 5Page - National Semiconductor (TI) DS8913 Datasheet HTML 6Page - National Semiconductor (TI) DS8913 Datasheet HTML 7Page - National Semiconductor (TI) DS8913 Datasheet HTML 8Page - National Semiconductor (TI) DS8913 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
VCCM
7V
VCC1
7V
VCC2
15V
Input Voltage
7V
Output Voltage
Logic
7V
Op Amp and Mixer Outputs
15V
ESD Sensitivity
1000V
Storage Temperature Range
b
65 Cto a150 C
Lead Temp (Soldering 10 seconds)
300 C
Operating Conditions
Min
Max
Units
VCCM
35
55
V
VCC1
45
55
V
VCC2
70
120
V
Temperature TA
b
40
a
85
C
Mixer IBIAS
(Mixer a Mixer Current) 1
20
mA
DC Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
Logic ‘‘1’’ Input Voltage
20
V
VIL
Logic ‘‘0’’ Input Voltage
08
V
IIH
Logic ‘‘1’’ Input Current
VIN e 55V
10
m
A
II
Logic ‘‘1’’ Input Current
Data Clock and Enable Inputs VIN e 7V
100
m
A
IIL
Logic ‘‘0’’ Input Current
Data Clock and Enable Inputs VIN e 0V
b
10
m
A
VOH
Logic ‘‘1’’
2 MHz
IOH eb20 mAVCCMb03
V
Output Voltage
IOH eb400 mAVCCMb2V
Op Amp
IOH eb10 mA
VCC2b15
V
VOL
Logic ‘‘0’’
2 MHz
IOL e 20 mA
03
V
Output Voltage
IOL e 400 mA
04
V
50 Hz
IOL e 250 mA
03
V
Bit Outputs IOL e 1 mA
03
V
Op Amp
IOL e 10 mA
15
V
VBIAS
Op Amp Input VD
Op Amp IO Shorted VCC1 e 55V VCC2 e 12V
200
mV
CPO e TRI-STATE
Op Amp IOH vs IOL Applied
ICEX
High Level
Bit Outputs VCC1 e 45V VO e 88V
100
m
A
Output Current
50 Hz
VCCM e 35V VO e 55V
10
m
A
Mixers
VCCL e VCC1 e 45V VO e 12V
100
m
A
ICPO
Charge Pump Program
025 mA k ICPO k 10 mA
Pump-up
b
30
2 IPROG a30
%
Current
2 IPROG e VCC1 RPROG
Pump-down
b
30
2 IPROG a30
%
Measured IPROG to CPO
TRI-STATE
0
100
nA
ICCM
VCCM Supply Current
VCCM e 55V OSCC e High
05
10
mA
(Static)
ICC1 a
VCC1 a VCCL
VCC e 55V Bits Hi IMXR and IPROG Open
25
35
mA
ICCL
Supply Current
ICC2
VCC2 Supply Current
VCC2 e 12V
15
25
mA
Mixer
Mixer a Mixer
VCC1 e VCCL e 55V Mixer e Mixer e 12V
b
25
4 IMXR
a
25
%
IBIAS
Current (Note 4)
RFIN
Mixer Input Max
Mixer IBIAS e 20 mA
300
mVrms
Signal Level
RFa or RFb Signal Level
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the device should be operated at these limits
Note 2
Unless otherwise specified minmax limits apply across the b40 Cto a85 C temperature range
Note 3
All currents into device pins are shown as positive out of device pins as negative all voltage referenced to ground unless otherwise noted All values
shown as maximum or minimum on absolute value basis
Note 4
Total mixer output current (Mixer a Mixer) j 4 times the current into the IMXR pin
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com