Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3945 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3945 Datasheet HTML 1Page - National Semiconductor (TI) LP3945 Datasheet HTML 2Page - National Semiconductor (TI) LP3945 Datasheet HTML 3Page - National Semiconductor (TI) LP3945 Datasheet HTML 4Page - National Semiconductor (TI) LP3945 Datasheet HTML 5Page - National Semiconductor (TI) LP3945 Datasheet HTML 6Page - National Semiconductor (TI) LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
CHG-IN
−0.3V to +6.5V
BATT, VB
SENSE, SDA, SCL, EOC,
CHG, EN, BIPB, StopModeEN
−0.3V to +6V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Power Dissipation (Note 3)
1.76W
ESD (Note 4)
Human Body Model
Machine Model
2kV
200V
Operating Ratings (Notes 1, 2)
CHG-IN
3.0V to 6.0V
EN, BIPB, StopModeEN
0V to (V
CHG-IN+0.3V)
Junction Temperature, T
J
−40˚C to +125˚C
Operating Temperature, T
A
−40˚C to +85˚C
Thermal Resistance,
θ
JA
37˚C/W
Maximum Power Dissipation
(T
A = 85˚C, (Note 5) )
1.08W
Electrical Characteristics
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V, CCHG-IN = 1µF, CBATT = 10µF. Typical values and limits appearing in nor-
mal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation,
T
J = −40˚C to +85˚C. (Notes 6, 7, 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
V
CC SUPPLY
V
CHG-IN
Input Voltage Range
4.5
6
V
Operating Range
Battery Connected
4.5
6
I
BATT
Battery Leakage Current
V
CHG-IN
≤ 4V
2
20
µA
EOC = Low, adaptor connected,
V
BATT
= 4.1V
50
150
µA
V
OK−TSHD
Adapter OK Trip Point (CHG-IN)
V
CHG-IN -VBATT (Rising)
60
mV
V
CHG-IN -VBATT (Falling)
50
mV
V
UVLO−TSHD
Under Voltage Lock-out Trip
Point
V
CHG-IN (Rising)
4.15
3.8
4.5
V
V
CHG-IN (Falling)
3.95
3.6
4.3
V
V
OVLO−TSHD
Over Voltage Lock-out Trip Point
V
CHG-IN (Rising)
5.9
V
V
CHG-IN (Falling)
5.7
Thermal Shutdown Temperature
(Note 7)
160
˚C
Thermal Shutdown Hysteresis
20
˚C
BATTERY CHARGER — Li ION MODE (MODE = LOW)
I
CHG
Fast Charge Current Range
500
950
mA
Fast Charge Current Accuracy
−10
+10
%
Programmable Charging Current
Step
50
mA
I
PRE-CHG
Pre-Charge Current
V
BATT =2V
50
65
mA
I
EOC
End Of Charge Current Accuracy For I
EOC = 0.1C, 0.15C or 0.2C
+20
−20
%
V
BATT
Battery Regulation Voltage
(For 4.1V Cell) (Default State)
T
J = 0˚C to +85˚C
I
CHARGE = 10 mA, Mode = Low
4.1
4.059
4.141
V
T
J = −40˚C to +85˚C
I
CHARGE = 10 mA, Mode = Low
4.1
4.038
4.162
Battery Regulation Voltage
(For 4.2V Cell)
T
J = 0˚C to +85˚C
I
CHARGE = 10 mA, Mode = Low
4.2
4.158
4.242
T
J = −40˚C to +85˚C
I
CHARGE = 10 mA, Mode = Low
4.2
4.137
4.263
V
CHG-Q
Full Charge Qualification
Threshold
V
BATT Rising, Transition from
Pre-Charge to Full Current
3.0
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com