Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3945 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3945 Datasheet HTML 1Page - National Semiconductor (TI) LP3945 Datasheet HTML 2Page - National Semiconductor (TI) LP3945 Datasheet HTML 3Page - National Semiconductor (TI) LP3945 Datasheet HTML 4Page - National Semiconductor (TI) LP3945 Datasheet HTML 5Page - National Semiconductor (TI) LP3945 Datasheet HTML 6Page - National Semiconductor (TI) LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V, CCHG-IN = 1µF, CBATT = 10µF. Typical values and limits appearing in nor-
mal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature range for operation,
T
J = −40˚C to +85˚C. (Notes 6, 7, 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
BATTERY CHARGER — Li ION MODE (MODE = LOW)
V
BAT-RST
Restart Threshold Voltage
(For 4.1V Cell)
V
BATT Falling, Transition from
EOC, to Pre-Qualification State
3.9
3.77
4.02
V
Restart Threshold Voltage
(For 4.2V Cell)
V
BATT Falling, Transition from
EOC, to Pre-Qualification State
4.00
3.86
4.12
R
SENSE
Internal Current Sense
Resistance
(Note 7)
120
m
Internal Current Sense Resistor
Load Current
(Note 7)
1.2
A
ICHG
MON
Diff-Amp Output
I
CHG = 50 mA
0.583
V
I
CHG = 500 mA
1.333
I
CHG = 950 mA
2.090
t
EOC
Time to EOC State
0˚C to +85˚C (Note 7)
5.625
4.78
6.42
Hrs
−40˚C to +85˚C (Note 7)
5.625
4.5
6.75
BATTERY CHARGER — NI-MH MODE (MODE = HIGH, LP3945 ONLY)
V
BATT-MAX
Battery Over Voltage Protection
(Charging Current Decreases to
0 mA when V
BATT is above this
Voltage), V
CHG-IN = 5.6V
5.4
5.292
5.508
V
LDO MODE (BIPB=HIGH)
V
OUT
Output Voltage Regulation
I
LOAD=50mA
4.10
V
I
LOAD=950mA
4.06
LOGIC LEVELS
V
IL
Low Level Input Voltage
EN
0.4
V
V
IH
High Level Input Voltage
EN
2.0
V
I
IL
Enable Pin Input Current
EN = LOW
−10
+10
µA
EN = HIGH
−5
+5
Electrical Characteristics, I
2C Interface (LP3945 Only)
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ = 25˚C.
Limits appearing in boldface type apply over the entire junction temperature range for operation, T
J = −40˚C to +85˚C. (Notes
6, 7, 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
V
IL
Low Level Input Voltage
SDA & SCL
0.4
0.3 V
DD
V
V
IH
High Level Input Voltage
SDA & SCL
0.7 V
DD
V
DD +0.5
V
V
OL
Low Level Output Voltage
SDA & SCL
0
0.2 V
DD
V
V
HYS
Schmitt Trigger Input Hysteresis
SDA & SCL
0.1 V
DD
V
F
CLK
Clock Frequency
400
kHz
t
HOLD
Hold Time Repeated START
Condition
(Note 7)
0.6
µs
t
CLK-LP
CLK Low Period
(Note 7)
1.3
µs
t
CLK-HP
CLK High Period
(Note 7)
0.6
µs
t
SU
Set-up Time Repeated START
Condition
(Note 7)
0.6
µs
t
DATA-HOLD
Data Hold Time
(Note 7)
300
ns
t
DATA-SU
Data Set-up Time
(Note 7)
100
ns
t
SU
Set-up Time for STOP Condition
(Note 7)
0.6
µs
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com