Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3945 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3945 Datasheet HTML 1Page - National Semiconductor (TI) LP3945 Datasheet HTML 2Page - National Semiconductor (TI) LP3945 Datasheet HTML 3Page - National Semiconductor (TI) LP3945 Datasheet HTML 4Page - National Semiconductor (TI) LP3945 Datasheet HTML 5Page - National Semiconductor (TI) LP3945 Datasheet HTML 6Page - National Semiconductor (TI) LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP3945/LP3946
Battery Charge Management System
General Description
The LP3945 and LP3946 are complete charge management
systems that safely charge and maintain a Li-Ion battery or a
four-cell Ni-MH (LP3945 only) battery pack. The LP3945
offers the flexibility of programming charge current, battery
regulation voltage (4.1V/4.2V), battery type (Li-Ion/Ni-MH),
and End Of Charge (EOC) termination through the use of I
2C
interface. On the LP3946, these parameters are pro-
grammed at the factory per customer specification.
The pass transistor, charge current sensing resistor and
charge current setting resistors are all integrated inside the
LP3945 and LP3946. This eliminates the use of external
components and significantly reduces design time and board
space.
The LP3945 and LP3946 operate in four modes: pre-
qualification, constant current, constant voltage and mainte-
nance modes. The LP3945 features Ni-MH charging mode
as well. The charger has under-voltage and over-voltage
protection as well as an internal 5.6 hr timer to prevent
overcharging the battery. There are two open drain outputs
for status indication. An internal amplifier readily converts the
charge current into a voltage. Also, the charger can operate
in an LDO mode providing up to 1 Amp to the load.
Features
n
Integrated pass transistor
n
Does not require external charge current setting or
sensing resistors
n
I
2C interface (LP3945 only) — programmable charge
current, EOC current and battery regulation voltage
n
Near-depleted battery preconditioning
n
Built-in 5.6 hour timer
n
Under voltage and over voltage lockout on adaptor
n
Charge status indicators
n
Charge current monitor analog output
n
LDO mode operation can source 1 amp
n
Continuous over current/temperature protection
Key Specifications
n
1% charger voltage accuracy over 0˚C
≤ T
J
≤ 85˚C
n
4.5V to 6.0V input voltage range
n
LLP package power dissipation: 2.7W at T
A = 25˚C
Applications
n
Cellular phones
n
PDAs
n
Digital cameras
n
USB powered devices
n
Programmable current sources
Typical Application Circuit
20066502
20066501
October 2003
© 2003 National Semiconductor Corporation
DS200665
www.national.com


Similar Part No. - LP3945

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
LP3941LQ-A NSC-LP3941LQ-A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
logo
Texas Instruments
LP3941LQ-A TI1-LP3941LQ-A Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
logo
National Semiconductor ...
LP3941LQA NSC-LP3941LQA Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
More results

Similar Description - LP3945

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
logo
Cymbet Corporation
CBC910 CYMBET-CBC910 Datasheet
685Kb / 14P
Charge Pump and Battery Management ASIC
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
Microprocessor-Controlled Battery Management System
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
Highly Integrated Battery Charge Management Solution
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
HM5051 HMSEMI-HM5051 Datasheet
811Kb / 11P
Ampere Lithium Battery Charge Management IC
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
Battery management system solution
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
Battery management system solution
12-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com