Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3945 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3945
Description  Battery Charge Management System
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3945 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3945 Datasheet HTML 2Page - National Semiconductor (TI) LP3945 Datasheet HTML 3Page - National Semiconductor (TI) LP3945 Datasheet HTML 4Page - National Semiconductor (TI) LP3945 Datasheet HTML 5Page - National Semiconductor (TI) LP3945 Datasheet HTML 6Page - National Semiconductor (TI) LP3945 Datasheet HTML 7Page - National Semiconductor (TI) LP3945 Datasheet HTML 8Page - National Semiconductor (TI) LP3945 Datasheet HTML 9Page - National Semiconductor (TI) LP3945 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical Characteristics, I
2C Interface (LP3945 Only) (Continued)
Unless otherwise noted, V
CHG-IN = 5V, VBATT = 4V. Typical values and limits appearing in normal type apply for TJ = 25˚C.
Limits appearing in boldface type apply over the entire junction temperature range for operation, T
J = −40˚C to +85˚C. (Notes
6, 7, 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
t
TRANS
Maximum Pulse Width of Spikes
that must be Suppressed by the
Input Filter of both DATA & CLK
signals.
(Note 7)
50
ns
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula
P= (TJ —TA)/θJA,
(1)
where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 1.76W rating appearing under
Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature, 150˚C, for TJ, 85˚C for TA, and 37˚C/W for θJA. More power can
be dissipated safely at ambient temperature below 85˚C. Less power can be dissipated safely at ambient temperatures above 85˚C. The Absolute Maximum power
dissipation can be increased by 27 mW for each degree below 85˚C, and it must be de-rated by 27 mW for each degree above 85˚C.
Note 4: The human-body model is 100 pF discharged through 1.5 k
Ω. The machine model is 0Ω in series with 220pF
Note 5: Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The 1.08W rating
appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125˚C, for TJ, 85˚C for TA, and 37˚C/W for θJA into
(1) above. More power can be dissipated at ambient temperatures below 85˚C. Less power can be dissipated at ambient temperatures above 85˚C. The maximum
power dissipation for operation can be increased by 27 mW for each degree below 85˚C, and it must be de-rated by 27 mW for each degree above 85˚C.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C. All hot and cold limits are
guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 7: Guaranteed by design.
Note 8: LP3945 and LP3946 are not intended as a Li-Ion battery protection device, battery used in this application should have an adequate internal protection.
20066504
The end of charge current threshold default setting is at 0.1C, this threshold can be set to 0.15 or 0.2 by the controller (see bit chart for detail).
Li-Ion Charging Profile
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com