Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3975BMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3975BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975BMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3975BMM Datasheet HTML 1Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 2Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 3Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3975BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2003
1
MIC3975
MIC3975
Micrel
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
MIC3975-1.65BMM
1.65V
–40
°C to +125°C
MSOP-8
MIC3975-1.8BMM
1.8V
–40
°C to +125°C
MSOP-8
MIC3975-2.5BMM
2.5V
–40
°C to +125°C
MSOP-8
MIC3975-3.0BMM
3.0V
–40
°C to +125°C
MSOP-8
MIC3975-3.3BMM
3.3V
–40
°C to +125°C
MSOP-8
MIC3975-5.0BMM
5.0V
–40
°C to +125°C
MSOP-8
MIC3975BMM
Adj.
–40
°C to +125°C
MSOP-8
MIC3975
750mA
µCap Low-Voltage Low-Dropout Regulator
Final Information
General Description
The MIC3975 is a 750mA low-dropout linear voltage regula-
tors that provide low-voltage, high-current output from an
extremely small package. Utilizing Micrel’s proprietary Super
βeta PNP™ pass element, the MIC3975 offers extremely low
dropout (typically 300mV at 750mA) and low ground current
(typically 6.5mA at 750mA).
The MIC3975 is ideal for PC add-in cards that need to convert
from standard 5V to 3.3V or 3.0V, 3.3V to 2.5V or 2.5V to 1.8V
or 1.65V. A guaranteed maximum dropout voltage of 500mV
over all operating conditions allows the MIC3975 to provide
2.5V from a supply as low as 3.0V and 1.8V or 1.65V from a
supply as low as 2.25V.
The MIC3975 is fully protected with overcurrent limiting,
thermal shutdown, and reversed-battery protection. Fixed
voltages of 5.0V, 3.3V, 3.0, 2.5V, 1.8V, and 1.65V are
available. An adjustable output voltage option is available for
voltages down to 1.24V.
For other voltages, contact Micrel.
Typical Applications
Features
• Fixed and adjustable output voltages to 1.24V
• 300mV typical dropout at 750mA
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.65V conversion
• Stable with ceramic capacitor
• 750mA minimum guaranteed output current
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-battery protection
• Reversed-leakage protection
• Fast transient response
• Low-profile MSOP-8
Applications
• Fiber optic modules
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Battery chargers
• Low-voltage microcontrollers and digital logic
Super
βeta PNP is a trademark of Micrel, Inc.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
IN
R1
100k
2.5V
Error
Flag
Output
VIN
3.3V
10
µF
ceramic
EN
OUT
FLG
GND
MIC3975-2.5BMM
ENABLE
SHUTDOWN
2.5V/750mA Regulator with Error Flag
IN
R1
1.5V
VIN
2.5V
10
µF
ceramic
R2
EN
OUT
ADJ
GND
MIC3975BMM
ENABLE
SHUTDOWN
1.5V/750mA Adjustable Regulator


Similar Part No. - MIC3975BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3975BMM MICREL-MIC3975BMM Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC3975BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
750mA Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LP8358 NSC-LP8358 Datasheet
508Kb / 10P
150mA, UCap, Low Dropout Voltage Regulator with Power Good
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
UCAP NEGATIVE LOW DROPOUT REGULATOR
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
750mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com