Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # SN0402002DBVR
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 13Page - Texas Instruments SN0402002DBVR Datasheet HTML 14Page - Texas Instruments SN0402002DBVR Datasheet HTML 15Page - Texas Instruments SN0402002DBVR Datasheet HTML 16Page - Texas Instruments SN0402002DBVR Datasheet HTML 17Page - Texas Instruments SN0402002DBVR Datasheet HTML 18Page - Texas Instruments SN0402002DBVR Datasheet HTML 19Page - Texas Instruments SN0402002DBVR Datasheet HTML 20Page - Texas Instruments SN0402002DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TPS3106E09DBV
SENSE
GND
R1
R2
V
DD
RSTVDD
RSTSENSE
R3
2Cell
NiMH
ResetOutput
MR
TPS3103, TPS3106, TPS3110
www.ti.com
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS310x and TPS311x families are supervisory circuits made to monitor the input supply and other external
voltages greater than 0.551 V. These devices are made to operate from and monitor input supplies ranging from
0.9 V to 3.3 V, and all versions have a manual reset pin. The TPS3103 and TPS3106 both have an active-low,
open-drain RESET output. The TPS3103 device has an integrated power-fail input (PFI) and corresponding
power-fail output (PFO) that can be used for low-battery detection or for monitoring a power supply other than
the input supply and has a short delay time for more immediate triggering of the output. The TPS3106 device has
a SENSE input with a corresponding output (RSTSENSE) for monitoring voltages other than the input supply and
a longer delay time than the TPS3103 device to minimize accidental triggering of the output. The TPS3110
device has an active-low push/pull RESET and a watchdog timer that is used for monitoring the operation of
microprocessors.
9.2 Typical Application
Figure 17. Battery Monitoring With 3-
μA Supply Current for Device and Resistor Divider
9.2.1 Design Requirements
In some applications it is necessary to minimize the quiescent current even during the reset period. This is
especially true when the voltage of a battery is supervised and the RESET is used to shut down the system or
for an early warning. In this case the reset condition will last for a longer period of time. The current drawn from
the battery should almost be zero, especially when the battery is discharged.
For this kind of application, either the TPS3103 or TPS3106 device is a good fit. To minimize current
consumption, select a version where the threshold voltage is lower than the voltage monitored at VDD. The
TPS3106 device has two reset outputs. One output (RSTVDD) is triggered from the voltage monitored at VDD.
The other output (RSTSENSE) is triggered from the voltage monitored at SENSE. In the application shown in
Figure 17, the TPS3106E09 device is used to monitor the input voltage of two NiCd or NiMH cells. The threshold
voltage [V(TH) = 0.86 V] was chosen as low as possible to ensure that the supply voltage is always higher than
the threshold voltage at VDD. The voltage of the battery is monitored using the SENSE input.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS3103 TPS3106 TPS3110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com